Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 178 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 178 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 174Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 175Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 176Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 177Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 178Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 179Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 180Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 181Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 182Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 555 page
background image
www.national.com
178
Revision 0.8
4.20 TAP CONTROLLER
The TAP Controller is IEEE 1149.1 compliant. A block dia-
gram of the TAP, boundary scan and Internal scan is shown
in Figure 4-63. The JTAG pins TCK, TDI, TDO, TMS, and
RESET_STAND# are directly supported. The TAP is pro-
grammable by means of TAP control instructions. The
meanings of the various instructions are shown in Table 4-
38 on page 179 along with the length of the DR (Data reg-
ister) that can be accessed once the instruction is entered.
All Data registers shift in and out data LSB first. The
Instruction register and all Data registers are shift registers,
so if more bits are shifted in than the register can hold, only
the last bits shifted in - the MSBs - will be used. This can be
useful on systems that always shift in a multiple of 8 bits to
the Data or Instruction registers. The Instruction register is
24 bits wide and defined in Table 4-39 on page 180.
The TAP Controller can be initialized synchronously or
asynchronously. For a synchronous reset, holding TMS
high and clocking TCK a minimum of five times will put the
TAP state machine into the Test-Logic-Reset state. Asyn-
chronous
reset
is
available
too
by
asserting
RESET_STAND# (Tap Controller Reset) (see Section 3.6
"Reset
Considerations"
on
page
58).
From
RESET_STAND#, the TAP state machine will immediately
enter the Test-Logic-Reset state.
The TAP has specific pre-assigned meanings to the bits in
the 24-bit IR register. The meanings are summarized in
Table 4-39. Note that the bits only affect the chip once the
“Update-IR” JTAG state occurs in the JTAG Controller -
shifting through these bits will not change the state of inter-
nal signals (e.g., test_mode). The details on JTAG Control-
ler states are covered in the IEEE 1149.1 standard.
Features
TAP control/access to the following:
• Shift/capture of CCU scan chain
• GLIU access via Request-in, Request-out packets
• TAPSCAN access
• TRI-STATE mode control
• Memory BIST control
• ID code
• Configures component for JTAG bypass mode
Figure 4-63. TAP Controller, Boundary Scan Block Diagram
Internal Scan Registers
Boundary Scan Registers
From Bscan
TAP
To Bscan
TDI
TDO
TCK
TMS
Serial Interface with GLCP
Memory BIST Interface
From Iscan
To Iscan
RESET_STAND# or
LVD Standby Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com