Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 189 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 189 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 185Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 186Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 187Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 188Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 189Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 190Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 191Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 192Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 193Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 555 page
background image
Revision 0.8
189
www.national.com
GLIU Register Descriptions (Continued)
5.1.1
Standard GeodeLink Device MSRs
5.1.1.1
GeodeLink Device Capabilities MSR (GLIU_GLD_MSR_CAP)
5.1.1.2
GeodeLink Device Master Configuration MSR (GLIU_GLD_MSR_CONFIG)
MSR Address
51010000h
Type
RO
Reset Value
00000000_000010xxh
GLIU_GLD_MSR_CAP Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
RSVD
DEV_ID
REV_ID
GLIU_GLD_MSR_CAP Bit Descriptions
Bit
Name
Description
63:24
RSVD
Reserved. Reads return 0.
23:8
DEV_ID
Device ID. Identifies module (0010h).
7:0
REV_ID
Revision ID. Identifies module revision. See CS5535 I/O Companion Device Errata
document for value.
MSR Address
51010001h
Type
R/W
Reset Value
0000000_00000004h
GLIU_GLD_MSR_CONFIG Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
RSVD
SUBP
GLD_MSR_CONFIG Bit Descriptions
Bit
Name
Description
63:3
RSVD
Reserved. Write as read.
2:0
SUBP
Subtractive Port. For all negative decode requests.
000: Port 0 (GLIU)
100: Port 4 (DD)
001: Port 1 (GLPCI_SB)
101: Port 5 (ACC)
010: Port 2 (USBC2)
110: Port 6 (USBC1)
011: Port 3 (ATAC)
111: Port 7 (GLCP)
Note:
The reset value of this register should not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com