Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 190 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 190 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 186Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 187Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 188Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 189Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 190Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 191Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 192Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 193Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 194Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 555 page
background image
www.national.com
190
Revision 0.8
GLIU Register Descriptions (Continued)
5.1.1.3
GeodeLink Device SMI MSR (GLIU_GLD_MSR_SMI)
The flags are set by internal conditions. The internal conditions are enabled if the EN bit is 0. Reading the FLAG bit returns
the value; writing 1 clears the flag; writing 0 has no effect. (See Section 3.8.3 "MSR Address 2: SMI Control" on page 67 for
further SMI and ASMI generation details.)
MSR Address
51010002h
Type
R/W
Reset Value
00000000_00000001h
GLIU_GLD_MSR_SMI Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
RSVD
GLIU_GLD_MSR_SMI Bit Descriptions
Bit
Name
Description
63:36
RSVD
Reserved. Write as read.
35
STATCNT2_
ASMI_FLAG
Statistic Counter 2 ASMI Flag. If high, records that an ASMI was generated due to a
Statistic Counter 2 (MSR 510100A8h) event. Write 1 to clear; writing 0 has no effect.
STATCNT2_ASMI_EN (bit 3) must be low to generate ASMI and set flag.
34
STATCNT1_
ASMI_FLAG
Statistic Counter 1 ASMI Flag. If high, records that an ASMI was generated due to a
Statistic Counter 1 (MSR 510100A4h) event. Write 1 to clear; writing 0 has no effect.
STATCNT1_ASMI_EN (bit 2) must be low to generate ASMI and set flag.
33
STATCNT0_
ASMI_FLAG
Statistic Counter 0 SMI Flag. If high, records that an ASMI was generated due to a Sta-
tistic Counter 0 (MSR 510100A0h) event. Write 1 to clear; writing 0 has no effect.
STATCNT0_ASMI_EN (bit 1) must be low to generate ASMI and set flag.
32
SSMI_FLAG
SSMI Flag. If high, records that an SSMI was generated due to a received event. Event
sources are:
• Illegal request type to GLIU (Port 0), meaning anything other than MSR read/write,
debug request, and null.
• A self-referencing packet (i.e., a packet sent to the GLIU that finds its destination port
is the source port).
• The destination of the packet is to a port where the GLIU slave for that port has been
disabled.
• Trap on a descriptor with device port set to 0. This is the typical operational use of this
bit. The data returned with such a trap is the value 0.
Write 1 to clear; writing 0 has no effect. SSMI_EN (bit 0) must be low to generate SSMI
and set flag.
31:4
RSVD
Reserved. Write as read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com