Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 215 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 215 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 211Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 212Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 213Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 214Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 215Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 216Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 217Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 218Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 219Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 555 page
background image
Revision 0.8
215
www.national.com
GLPCI_SB Register Descriptions (Continued)
5.2.1.2
GeodeLink Device Master Configuration MSR (GLPCI_GLD_MSR_CONFIG)
5.2.1.3
GeodeLink Device SMI MSR (GLPCI_GLD_MSR_SMI)
The flags are set by internal conditions. The internal conditions are enabled if the EN bit is 1. Reading the FLAG bit returns
the value; writing 1 clears the flag; writing 0 has no effect. (See Section 3.8.3 "MSR Address 2: SMI Control" on page 67 for
further SMI/ASMI generation details.)
GLPCI_GLD_MSR_CAP Bit Descriptions
Bit
Name
Description
63:24
RSVD
Reserved. Reads as 0.
23:8
DEV_ID
Device ID. Identifies module (2051h).
7:0
REV_ID
Revision ID. Identifies module revision. See CS5535 I/O Companion Device Errata
document for value.
MSR Address
51000001h
Type
R/W
Reset Value
00000000_00000000h
GLCPI_GLD_MSR_CONFIG Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
RSVD
PRI
PID
GLPCI_GLD_MSR_CONFIG Bit Descriptions
Bit
Name
Description
63:7
RSVD (RO)
Reserved (Read Only). Returns 0.
6:4
PRI
Priority Level. Always write 0.
3
RSVD (RO)
Reserved (Read Only). Returns 0.
2:0
PID
Priority ID. Always write 0.
MSR Address
51000002h
Type
R/W
Reset Value
00000000_00000000h
GLPCI_GLD_MSR_SMI Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
RSVD
RSVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com