Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 217 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 217 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 213Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 214Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 215Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 216Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 217Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 218Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 219Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 220Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 221Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 555 page
background image
Revision 0.8
217
www.national.com
GLPCI_SB Register Descriptions (Continued)
GLPCI_GLD_MSR_ERROR Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
RSVD
GLPCI_GLD_MSR_ERROR Bit Descriptions
Bit
Name
Description
63:23
RSVD (RO)
Reserved (Read Only). Returns 0.
22
TAS_ERR_
FLAG
Target Abort Signaled Error Flag. If high, records that an ERR was generated due to
signaling of a target abort on the PCI bus. Write 1 to clear; writing 0 has no effect.
TAS_ERR_EN (bit 6) must be set to enable this event and set flag.
21
PARE_ERR_
FLAG
Parity Error Error Flag. If high, records that an ERR was generated due to the detection
of a PCI bus parity error. Write 1 to clear; writing 0 has no effect. PARE_ERR_EN (bit 5)
must be set to enable this event and set flag.
20
SYSE_ERR_
FLAG
System Error Error Flag. If high, records that an ERR was generated due to the detec-
tion of a PCI bus system error. Write 1 to clear; writing 0 has no effect. SYSE_ERR_EN
(bit 4) must be set to enable this event and set flag.
19
EXCEP_ERR_
FLAG
Exception Bit Error Flag. If high, records that the EXCP bit in the received GLIU read or
write response packet is set. Write 1 to clear. EXCEP_ERR_EN (bit 3) must be set to
enable this event and set flag.
18
RSVD (RO)
Reserved (Read Only). Returns 0.
17
TAR_ERR_
FLAG
Target Abort Received Error Flag. If high, records that an ERR was generated due to
the reception of a target abort on the PCI bus. Write 1 to clear; writing 0 has no effect.
TAR_ERR_EN (bit 1) must be set to enable this event and set flag.
16
MAR_ERR_
FLAG
Master Abort Received Error Flag. If high, records that an ERR was generated due to
the reception of a master abort on the PCI bus. Write 1 to clear; writing 0 has no effect.
MAR_ERR_EN (bit 0) must be set to enable this event and set flag.
15:7
RSVD (RO)
Reserved (Read Only). Returns 0.
6
TAS_ERR_EN
Target Abort Signaled Error Enable. Write 1 to enable TAS_ERR_FLAG (bit 22) and to
allow the event to generate an ERR.
5
PARE_ERR_EN
Parity Error Error Enable. Write 1 to enable PAR_ERR_FLAG (bit 21) and to allow the
event to generate an ERR.
4
SYSE_ERR_EN
System Error Error Enable. Write 1 to enable SYSE_ERR_FLAG (bit 20) and to allow
the event to generate an ERR.
3
EXCEP_ERR_
EN
Exception Bit Error Enable. Write 1 to enable EXCEP_ERR_FLAG (bit 19) and to allow
the event to generate an ERR.
2
RSVD (RO)
Reserved (Read Only). Returns 0.
1
TAR_ERR_EN
Target Abort Received Error Enable. Write 1 to enable TAR_ERR_FLAG (bit 17) and to
allow the event to generate an ERR.
0
MAR_ERR_EN
Master Abort Received Enable. Write 1 to enable MAR_ERR_FLAG (bit 16) and to
allow the event to generate an ERR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com