Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P3018A Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD75P3018A Datasheet HTML 35Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 36Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 37Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 38Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 39Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 40Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 41Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 42Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
µPD75P3018A
37
Data Sheet U11917EJ2V1DS
DC Characteristics (TA = –40 to +85
°C, VDD = 1.8 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Low-level output
IOL
Per pin
15
mA
current
Total of all pins
150
mA
High-level input
VIH1
Ports 2, 3
2.7 V
≤ VDD ≤ 5.5 V
0.7VDD
VDD
V
voltage
1.8 V
≤ VDD < 2.7 V
0.9VDD
VDD
V
VIH2
Ports 0, 1, 6, 7, RESET
2.7 V
≤ VDD ≤ 5.5 V
0.8VDD
VDD
V
1.8 V
≤ VDD < 2.7 V
0.9VDD
VDD
V
VIH3
Ports 4, 5
2.7 V
≤ VDD ≤ 5.5 V
0.7VDD
13
V
(N-ch open-drain)
1.8 V
≤ VDD < 2.7 V
0.9VDD
13
V
VIH4
X1, XT1
VDD – 0.1
VDD
V
Low-level input
VIL1
Ports 2 to 5
2.7 V
≤ VDD ≤ 5.5 V
0
0.3VDD
V
voltage
1.8 V
≤ VDD < 2.7 V
0
0.1VDD
V
VIL2
Ports 0, 1, 6, 7, RESET
2.7 V
≤ VDD ≤ 5.5 V
0
0.2VDD
V
1.8 V
≤ VDD < 2.7 V
0
0.1VDD
V
VIL3
X1, XT1
0
0.1
V
High-level output
VOH
SCK, SO, Ports 2, 3, 6, 7, BP0 to BP7
VDD – 0.5
V
voltage
IOH = –1.0 mA
Low-level output
VOL1
SCK, SO, Ports 2 to 7,
IOL = 15 mA
0.2
2.0
V
voltage
BP0 to BP7
VDD = 4.5 to 5.5 V
IOL = 1.6 mA
0.4
V
VOL2
SB0, SB1
N-ch open-drain
0.2VDD
V
Pull-up resistor
≥ 1 kΩ
High-level input
ILIH1
VIN = VDD
Pins other than X1, XT1
3
µA
leakage current
ILIH2
X1, XT1
20
µA
ILIH3
VIN = 13 V
Ports 4, 5 (N-ch open-drain)
20
µA
Low-level input
ILIL1
VIN = 0 V
Pins other than X1, XT1, Ports 4, 5
–3
µA
leakage current
ILIL2
X1, XT1
–20
µA
ILIL3
Ports 4, 5 (N-ch open-drain)
–3
µA
When input instruction is not executed
Ports 4, 5 (N-ch open-
–30
µA
drain). When input
VDD = 5.0 V
–10
–27
µA
instruction is executed
VDD = 3.0 V
–3
–8
µA
High-level output
ILOH1
VOUT = VDD
SCK, SO/SB0, SB1, Ports 2, 3, 6, 7
3
µA
leakage current
ILOH2
VOUT = 13 V
Ports 4, 5 (N-ch open-drain)
20
µA
Low-level output
ILOL
VOUT = 0 V
–3
µA
leakage current
Internal pull-up
RL
VIN = 0 V
Ports 0 to 3, 6, 7 (except P00 pin)
50
100
200
k
Ω
resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com