Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P3018A Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button UPD75P3018A Datasheet HTML 14Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 15Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 16Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 17Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 18Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 19Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 20Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 21Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
µPD75P3018A
16
Data Sheet U11917EJ2V1DS
6. MEMORY CONFIGURATION
6.1 Program Counter (PC) ... 15 bits
This is a 15-bit binary counter that stores program memory address data.
Bit 15 is valid during Mk II mode. But PC14 is fixed at zero during Mk I mode, and the lower 14 bits are all valid.
Figure 6-1. Configuration of Program Counter
6.2 Program Memory (PROM) ... 32768
× 8 bits
The program memory consists of 32768
× 8-bit one-time PROM. The program memory address can be selected as shown
below by setting the stack bank selection (SBS) register.
Mk I Mode
Mk II Mode
Usable address
0000H to 3FFFH
0000H to 7FFFH
Figures 6-2 and 6-3 show the addressing ranges for the program memory and branch instruction and the subroutine call
instruction, during Mk I and Mk II modes.
PC14
PC13
PC12
PC11
PC10
PC9
PC8
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
PC
Fixed at zero during
Mk I mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com