Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P3018A Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button UPD75P3018A Datasheet HTML 49Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 50Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 51Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 52Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 53Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 54Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 55Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 56Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
µPD75P3018A
51
Data Sheet U11917EJ2V1DS
80-PIN PLASTIC TQFP (FINE PITCH) (12x12)
ITEM
MILLIMETERS
G
H
0.22
±0.05
1.25
A
14.0
±0.2
C
12.0
±0.2
D
F
1.25
14.0
±0.2
B
12.0
±0.2
M
N
0.08
0.145
±0.05
P
Q
0.1
±0.05
1.0
J
0.5 (T.P.)
K
L
0.5
1.0
±0.2
I
0.08
S
1.1
±0.1
R
3
°+4°
−3°
R
H
K
L
J
F
Q
G
I
T
U
S
P
detail of lead end
NOTE
Each lead centerline is located within 0.08 mm of
its true position (T.P.) at maximum material condition.
60
41
40
21
61
80
120
M
S
S
CD
A
B
N
M
P80GK-50-9EU-1
T
0.25
U
0.6
±0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com