Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P3018A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPD75P3018A Datasheet HTML 6Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 7Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 8Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 9Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 10Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 11Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 12Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 13Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
µPD75P3018A
8
Data Sheet U11917EJ2V1DS
3.2 Non-port Pins (1/2)
Pin Name
I/O
Alternate Function
Function
After Reset I/O Circuit
TypeNote 1
TI0
Input
P13
External event pulse input to timer/event counter
Input
<B>-C
TI1, TI2
P12/INT2
PTO0
Output
P20
Timer/event counter output
Input
E-B
PTO1
P21
PTO2
P22
PCL
P22
Clock output
BUZ
P23
Optional frequency output (for buzzer or system clock trimming)
SCK
I/O
P01
Serial clock I/O
Input
<F>-A
SO/SB0
P02
Serial data output
<F>-B
Serial data bus I/O
SI/SB1
P03
Serial data input
<M>-C
Serial data bus I/O
INT4
Input
P00
Edge detection vectored interrupt input
<B>
(both rising and falling edges detection)
INT0
Input
P10
Edge detection vectored interrupt input Noise elimination circuit/
Input
<B>-C
(detected edge is selectable)
asynchronous is selectable
INT1
P11
INT0/P10 can select noise elimination circuit. Asynchronous
INT2
P12/TI1/TI2
Rising edge detection testable input
Asynchronous
KR0-KR3
Input
P60-P63
Falling edge detection testable input
Input
<F>-A
KR4-KR7
Input
P70-P73
Falling edge detection testable input
Input
<F>-A
X1
Input
—
Ceramic/crystal oscillation circuit connection for main system
—
—
clock. If using an external clock, input to X1 and input
X2
—
inverted phase to X2.
XT1
Input
—
Crystal oscillation circuit connection for subsystem clock.
—
—
If using an external clock, input to XT1 and input inverted
XT2
—
phase to XT2. XT1 can be used as a 1-bit (test) input.
RESET
Input
—
System reset input (low level active)
—
<B>
MD0
Input
P30/LCDCL
Mode selection for program memory (PROM) write/verify
Input
E-B
MD1
P31/SYNC
MD2, MD3
P32, P33
D0-D3
I/O
P40-P43
Data bus for program memory (PROM) write/verify
Input
M-E
D4-D7
P50-P53
VPPNote 2
——
Program power supply voltage for program memory
—
—
(PROM) write/verify.
For normal operation, connect directly to VDD.
Apply +12.5 V for PROM write/verify.
VDD
——
Positive power supply
—
—
Vss
—
—
Ground
—
—
Notes 1. Circuit types enclosed in brackets indicate Schmitt trigger input.
2. The VPP pin does not operate correctly during normal operation unless connected to the VDD pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com