Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17062 Datasheet(PDF) 289 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 289 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 285Page - Renesas Technology Corp UPD17062 Datasheet HTML 286Page - Renesas Technology Corp UPD17062 Datasheet HTML 287Page - Renesas Technology Corp UPD17062 Datasheet HTML 288Page - Renesas Technology Corp UPD17062 Datasheet HTML 289Page - Renesas Technology Corp UPD17062 Datasheet HTML 290Page - Renesas Technology Corp UPD17062 Datasheet HTML 291Page - Renesas Technology Corp UPD17062 Datasheet HTML 292Page - Renesas Technology Corp UPD17062 Datasheet HTML 293Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 298 page
background image
287
µPD17062
24. ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS (Ta = 25
±2 °C)
Parameter
Symbol
Rated value
Unit
Supply voltage
VDD
–0.3 to +6.0
V
Input voltage
VI
–0.3 to VDD + 0.3
V
Output voltage
VO
–0.3 to VDD + 0.3 (excluding P1A3 to P1A0 and PWM3 to PMW0)
V
Output absorption current
IO
10 (excluding P1A)
mA
Output withstand voltage
VBDS
13 (P1A, PWM)
V
Operating temperature
Topt1
–20 to +70
°C
Topt2
–40 to +85 (when IDC has stopped)
Storage temperature
Vstg
–55 to +125
°C
RECOMMENDED OPERATION RANGE (Ta = –40 to +85
°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply voltage
VDD1
Ta = –20 to +70
°C (when CPU, PLL, and IDC are operating)
4.5
5.0
5.5
V
VDD2
When CPU and PLL are operating (IDC is not operating)
4.5
5.0
5.5
V
VDD3
When only CPU is operating (PLL and IDC are not operating)
4.0
5.0
5.5
V
Data hold voltage
VDDR
When crystal oscillation has stopped
3.0
5.5
V
Output withstand voltage
VBDS
P1B3-P1B1
0.0
12.5
V
Input amplitude
Vin1
VCO
0.7
VDD
VP-P
Supply voltage rise time
trise
VDD : 0
→ 4.0 V
500
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com