Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17062 Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 286Page - Renesas Technology Corp UPD17062 Datasheet HTML 287Page - Renesas Technology Corp UPD17062 Datasheet HTML 288Page - Renesas Technology Corp UPD17062 Datasheet HTML 289Page - Renesas Technology Corp UPD17062 Datasheet HTML 290Page - Renesas Technology Corp UPD17062 Datasheet HTML 291Page - Renesas Technology Corp UPD17062 Datasheet HTML 292Page - Renesas Technology Corp UPD17062 Datasheet HTML 293Page - Renesas Technology Corp UPD17062 Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 298 page
background image
288
µPD17062
AC CHARACTERISTICS (Ta = –40 to +85
°C, VDD = 5 V ±10 %, RH ≤ 70 %)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Operating frequency
fin1
VCO
Sine wave input Vin = 0.7 VP-P
0.7
20
MHz
fin2
TMIN
45
65
Hz
fin3
HSCNT
10
20
kHz
IDC jitter
IDCG
4.0
8.0
ns
IDC horizontal start position
IDCHP
From trailing edge of HSYNC
4.25
µs
IDC vertical start position
IDCVP
From trailing edge of VSYNC
17
H
A/D CONVERTER CHARACTERISTICS (Ta = –40 to +85
°C, VDD = 5 V ±10 %, RH ≤ 70 %)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
A/D conversion
4
bit
resolution
A/D conversion total
Ta = –10 to +50
°C
±0.5
±1.0
LSB
error tolerance
A/D input impedance
1.0
M
Ω
DC CHARACTERISTICS (Ta = –40 to +85
°C, VDD = 5 V ±10 %, RH ≤ 70 %)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply voltage
VDD1
Ta = –20 to +85
°C (when CPU, PLL, and IDC are operating)
4.5
5.0
5.5
V
VDD2
When CPU and PLL are operating (IDC is not operating)
4.5
5.0
5.5
V
VDD3
When only CPU is operating (PLL and IDC are not operating)
4.0
5.0
5.5
V
Supply current
IDD4
When only CPU is operating, PLL and IDC are not
1.0
3.0
mA
operating, and HALT instruction is being used
(20 instructions are executed at 5-ms intervals)
Data hold voltage
VDDR
When the timer FF power failure detection method is used
3.0
5.5
V
When crystal oscillation has stopped
Data hold current
IDDR
When crystal oscillation has stopped
Ta = 25
°C
1.5
10
µA
High-level input voltage
VIH1
P0A, P0B, P0D, P1B, P1C
0.7VDD
V
VIH2
CE, INTNC, VSYNC, HSYNC
0.8VDD
mA
Low-level input voltage
VIL1
P0A, P0B, P0D, P1B, P1C
0.3VDD
V
VIL2
CE, INTNC, VSYNC, HSYNC
0.2VDD
mA
High-level output voltage
IOH1
P0A, P0B, P0C, P1B, P1C,
–1.0
–2.0
mA
RED, GREEN, BLUE, BLANK
VOH = VDD – 1 V
Low-level output voltage
IOL1
P0A, P0B, P0C, P1B, P1C,
1.0
2.0
mA
RED, GREEN, BLUE, BLANK
VOH = VDD – 1 V
IOL4
P1A
VOL = 1 V
15
22
mA
High-level input current
IIH1
When P0D pull-down resistor is applied
VIH = VDD
20
70
150
µA
IIH2
VCO
VIH = VDD
0.1
0.8
1.3
mA
Output off leakage current
IIL1
P1A, PWM
VOH = 12.5 V
0.5
µA
IIL2
EO
VOH = VDD, VOL = 0 V
±1
µA
Output withstand voltage
VBDS
P1A, PWM
12.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com