Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17062 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 103Page - Renesas Technology Corp UPD17062 Datasheet HTML 104Page - Renesas Technology Corp UPD17062 Datasheet HTML 105Page - Renesas Technology Corp UPD17062 Datasheet HTML 106Page - Renesas Technology Corp UPD17062 Datasheet HTML 107Page - Renesas Technology Corp UPD17062 Datasheet HTML 108Page - Renesas Technology Corp UPD17062 Datasheet HTML 109Page - Renesas Technology Corp UPD17062 Datasheet HTML 110Page - Renesas Technology Corp UPD17062 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 298 page
background image
105
µPD17062
10.6.2
Peripheral Register Addresses and Reserved Words
When a 17K series assembler is used, no error is generated when peripheral address “p” is specified directly
(with a numerical value) in PUT p, DBF or GET DBF, p as shown in Example 1.
However, to reduce program bugs, this method should be avoided.
Therefore, the peripheral addresses should be symbolically defined with symbol definition instructions (an
assembler pseudo instructions), as shown in Example 2.
To simplify symbol definition, peripheral addresses are predefined in the assembler as reserved words.
Therefore, if reserved words are used, a program can be written without performing symbol definition, as
shown in Example 3.
The reserved words of peripheral registers are shown in the Symbol field in Table 10-1 and the Symbol
field in Figs. 10-4 to 10-10.
Example 1.
PUT
02H,
DBF
; The assembler does not generate an error if peripheral
GET
DBF,
03H
; addresses are directly specified by 02H and 03H. How
; ever, to reduce program bugs, this method should be
; avoided.
2.
SIO0DATA
DAT
03H
; Assigns SIO0DATA to 03H using a symbol definition
PUT
SIO0DATA, DBF
; instruction.
3.
PUT
SIO0SFR
; If reserved word SIO0SFR is used, symbol definition is
; unnecessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com