| Electronic Components Datasheet Search |
|
UPD17062 Datasheet(PDF) 118 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 Datasheet(HTML) 118 Page - Renesas Technology Corp |
|
118 / 298 page ![]() 116 µPD17062 11.4 OPERATIONS AFTER INTERRUPT ACCEPTANCE When an interrupt is accepted, the following processing sequence is executed: (1) The interrupt enable flip-flop or interrupt request flag corresponding to the accepted interrupt is reset. In other words, a write protected state is set. (2) The stack pointer value is decreased by 1. (3) The contents of the program counter are saved in the address stack register indicated by the stack pointer. The contents of the program counter become the program memory address after the contents at interrupt acceptance. For a branch instruction, the contents become the branch destination address. For a subroutine call instruction, the contents become the called address. If a skip instruction satisfies the skip conditions, an interrupt is accepted after the next instruction is executed as the NOP instruction. Therefore, the contents of the program counter become the skipped address. (4) The lower two bits of the bank register (BANK: address 79H) and the index enable flag (IXE: bit b0 of address 7FH) are saved in the interrupt stack. (5) The contents of the vector address generator corresponding to the accepted interrupt are transferred to the program counter. In other words, processing is branched to the interrupt processing routine. The processing in (1) to (5) above is executed during one special instruction cycle (2 µs, or 12 µs when the IDC is operating) without normal instruction execution. This instruction cycle is called the interrupt cycle. The processing from interrupt acceptance to branching to the corresponding vector address requires one instruction cycle. 11.5 RETURNING CONTROL FROM INTERRUPT PROCESSING ROUTINE To return control from the interrupt processing routine to the processing executed at interrupt acceptance, use the exclusive RETI instruction. When the RETI instruction is executed, the following processing sequence is executed. (1) The contents of the address stack register indicated by the stack pointer are restored in the program counter. (2) The contents of the interrupt stack are restored in the lower two bits of the bank register or bit b0 of the index enable flag. (3) The stack pointer value is increased by 1. The processing in (1) to (3) above is executed during one instruction cycle of the RETI instruction. The only difference between the RETI instruction and subroutine return instruction RET or RETSK is in the restoration of the contents of the bank register or index enable flag in (2) above. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |