Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17062 Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 226Page - Renesas Technology Corp UPD17062 Datasheet HTML 227Page - Renesas Technology Corp UPD17062 Datasheet HTML 228Page - Renesas Technology Corp UPD17062 Datasheet HTML 229Page - Renesas Technology Corp UPD17062 Datasheet HTML 230Page - Renesas Technology Corp UPD17062 Datasheet HTML 231Page - Renesas Technology Corp UPD17062 Datasheet HTML 232Page - Renesas Technology Corp UPD17062 Datasheet HTML 233Page - Renesas Technology Corp UPD17062 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 298 page
background image
228
µPD17062
18.5.3
Charge Pump
As shown in Fig. 18-5, the charge pump directs the up request signal (UP) or down request signal (DW)
from the phase comparator (
φ-DET) to the error output pin (EO) pin.
The relationships among the output at the error output pin, divider output frequency fN, and reference
frequency fr are as follows:
Reference frequency fr > divider output frequency fN: Low level output
Reference frequency fr < divider output frequency fN: High level output
Reference frequency fr = divider output frequency fN: Floating
18.5.4
Unlock Detection Block
As shown in Fig. 18-5, the unlock detection block detects the unlock state of the PLL frequency synthesizer
according to the up request signal (UP) or down request signal (DW) from the phase comparator (
φ-DET).
Either the up or down request signal is low in the unlock state. So the unlock detection block detects this
low signal as unlock state. When the unlock state is detected, the unlock flip-flop (FF) is set (1).
The state of the unlock FF is detected using the PLL unlock FF judge register (at address 22H).
The unlock FF is set at intervals of the then selected reference frequency fr.
The unlock FF is reset when the PLL unlock FF judge register is read-accessed with a PEEK instruction.
The unlock FF must be checked at intervals greater than the period (1/fr) of the reference frequency fr.
The unlock delay control circuit controls whether to set the unlock FF, by delaying the up and down request
signals output from the phase comparator.
If the delay becomes large, the unlock FF will not be set even if the phase difference between the divider
output frequency fN and reference frequency fr is large.
The delay is specified in the unlock delay control circuit using the PLL unlock FF delay control register (at
address 32H).
The following paragraphs describe the configuration and functions of the PLL unlock FF judge register and
PLL unlock FF delay control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com