Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17062 Datasheet(PDF) 234 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 234 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 230Page - Renesas Technology Corp UPD17062 Datasheet HTML 231Page - Renesas Technology Corp UPD17062 Datasheet HTML 232Page - Renesas Technology Corp UPD17062 Datasheet HTML 233Page - Renesas Technology Corp UPD17062 Datasheet HTML 234Page - Renesas Technology Corp UPD17062 Datasheet HTML 235Page - Renesas Technology Corp UPD17062 Datasheet HTML 236Page - Renesas Technology Corp UPD17062 Datasheet HTML 237Page - Renesas Technology Corp UPD17062 Datasheet HTML 238Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 298 page
background image
232
µPD17062
PLLR
0000
0110
1100
1111
06
C
F
PLRFMODE
0010
6.25 kHz
18.7
SETTING DATA FOR THE PLL FREQUENCY SYNTHESIZER
The following data is necessary to control the PLL frequency synthesizer.
(1) Reference frequency : fr
(2) Division value
: N
The following paragraphs explain how to set the PLL data.
(1) Setting reference frequency fr
The reference frequency is specified according to the PLL reference mode select register.
(2) Calculating division value N
The division value N is calculated as follows:
N =
fUCO
P
× fr
where fUCO : Frequency input to the VCO pin
fr
: Reference frequency
P
: Prescaler frequency division ratio
(3) Example of setting the PLL data
The following example shows how to specify the data required to receive channel 02 of the West Europe
TV system, assuming that the prescaler used here is the
µPB595 and that the frequency division ratio P
is 8.
Receive frequency
: 48.25 MHz
Reference frequency
: 6.25 kHz
Intermediate frequency : 38.9 MHz
The division value N is calculated as follows:
N =
fUCO
=
48250 + 38900
= 1743 (decimal)
P
× fr
8
× 6.25
= 06CFH (hexadecimal)
The PLL data register (PLLR, at address 41H) and PLL reference mode select register (PLRFMOD, at address
13H) are set with data as shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com