Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17062 Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 243Page - Renesas Technology Corp UPD17062 Datasheet HTML 244Page - Renesas Technology Corp UPD17062 Datasheet HTML 245Page - Renesas Technology Corp UPD17062 Datasheet HTML 246Page - Renesas Technology Corp UPD17062 Datasheet HTML 247Page - Renesas Technology Corp UPD17062 Datasheet HTML 248Page - Renesas Technology Corp UPD17062 Datasheet HTML 249Page - Renesas Technology Corp UPD17062 Datasheet HTML 250Page - Renesas Technology Corp UPD17062 Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 298 page
background image
245
µPD17062
b3
b2
b1
b0
0
0
IDCEN
0
1
0
Turns off the display.
Turns on the display.
(RF 31H)
20.3
IDC ENABLE FLAG
The IDCEN (IDC enable) flag is manipulated to start IDC operations (turn on the display). The flag is mapped
at the lowest bit (#0) of the register file at 31H.
Table 20-2
IDCEN Flag
(1) Cautions in turning on the display
(a) The IDCEN flag must be set to 1 (begin displaying), when the vertical sync signal (Vsync) is high
(vertical flyback time: Vsync = low level) after the IDCDMAEN flag (RF, at 00H, #1) is turned on.
(b) Do not write data to VRAM, when the IDCEN flag is 1 (display turned on).
Sample program
SET1
IDCDMAEN
; Sets the DMA mode.
CLR1
IDCEN
; If the display is on when VRAM data is to be specified,
; reset the IDCEN (turn off the display).
Sets data in VRAM.
; Sets VRAM data.
LOOP
SKF1
INTVSYN
; Makes sure Vsync = low level, and sets the IDCEN.
BR
LOOP
SET1
IDCEN
; Turns on the display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com