Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17062 Datasheet(PDF) 248 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 248 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 244Page - Renesas Technology Corp UPD17062 Datasheet HTML 245Page - Renesas Technology Corp UPD17062 Datasheet HTML 246Page - Renesas Technology Corp UPD17062 Datasheet HTML 247Page - Renesas Technology Corp UPD17062 Datasheet HTML 248Page - Renesas Technology Corp UPD17062 Datasheet HTML 249Page - Renesas Technology Corp UPD17062 Datasheet HTML 250Page - Renesas Technology Corp UPD17062 Datasheet HTML 251Page - Renesas Technology Corp UPD17062 Datasheet HTML 252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 298 page
background image
246
µPD17062
20.4
VRAM
VRAM is the memory that holds data used to select a picture pattern that the IDC displays on a screen such
as a TV screen. In the
µPD17062, the VRAM data is allocated at BANK1 and BANK2 in data memory. One VRAM
data item (8 bits) is held at two adjoining addresses (even and odd address).
BANK1 and BANK2 are each mapped at 112 nibbles of data memory (total of 224 nibbles, or 224
× 4 bits).
That is, up to 112 VRAM data items can be specified.
Fig. 20-1
VRAM Configuration
VRAM data consists of 8 bits. Of the 8 bits, the upper 2 bits are the ID field. The ID field indicates the type
of VRAM data. The lower 6 bits are the data field. The data field contains the display data or control data.
01
23
45
67
89
A
B
C
D
E
F
0
1
2
3
4
5
6
VRAM data
Column address
Even
address
Odd
address
4 bits
4 bits
(2 data memory locations)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com