Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9549BCPZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9549BCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549BCPZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9549BCPZ Datasheet HTML 41Page - Analog Devices AD9549BCPZ Datasheet HTML 42Page - Analog Devices AD9549BCPZ Datasheet HTML 43Page - Analog Devices AD9549BCPZ Datasheet HTML 44Page - Analog Devices AD9549BCPZ Datasheet HTML 45Page - Analog Devices AD9549BCPZ Datasheet HTML 46Page - Analog Devices AD9549BCPZ Datasheet HTML 47Page - Analog Devices AD9549BCPZ Datasheet HTML 48Page - Analog Devices AD9549BCPZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
Preliminary Technical Data
AD9549
Rev. PrA | Page 45 of 78
HARMONIC SPUR REDUCTION
The most significant spurious signals produced by the DDS are
harmonically related to the desired output frequency of the
DDS. The source of these harmonic spurs can usually be traced
to the DAC, and the spur level is in the -60dBc range. This ratio
represents a level that is about 10 bits below the full-scale
output of the DAC (10 bits down is 2-10, or 1/1024).
To reduce such a spur would require combining the original
signal with a replica of the spur but offset in phase by 180°.
This idea is the foundation of the technique used to reduce
harmonic spurs in the AD9549. Since the DAC has 14-bit
resolution, a -60dBc spur can be synthesized using only the
lower 4 bits of the DAC full scale range. That is, the 4 LSBs can
create an output level approximately 60dB below the full scale
level of the DAC (commensurate with a -60dBc spur). This fact
gives rise to a means of digitally reducing harmonic spurs or
their aliased images in the DAC output spectrum by digitally
adding a sinusoid at the input of the DAC with similar
magnitude as the offending spur but shifted in phase to produce
destructive interference.
Although the worst spurs tend to be harmonic in origin, the fact
that the DAC is part of a sampled system results in the
possibility of some harmonic spurs to appear in non-harmonic
locations in the output spectrum. For example, if the DAC is
sampled at 1 GHz and generates an output sinusoid of
170 MHz, the 5th harmonic would normally be at 850 MHz.
However, because of the sampling process, this spur appears at
150 MHz, only 20 MHz away from the fundamental. Hence,
when attempting to reduce DAC spurs it is important to know
the actual location of the harmonic spur in the DAC output
spectrum based on the DAC sample rate so that its harmonic
number can be reduced.
The mechanics of performing harmonic spur reduction is
shown in figure below. It essentially consists of two additional
DDS cores operating in parallel with the original DDS. This
enables the user to reduce two different harmonic spurs from
the 2nd to the 15th with 9 bits of phase offset control (±π) and 8
bits of amplitude control.
The dynamic range of the cancellation signal is further
augmented by a gain bit associated with each channel. When
this bit is set, the magnitude of the cancellation signal is
doubled by employing a 1-bit left-shift of the data. However,
the shift operation reduces the granularity of the cancellation
signal magnitude.
NOTE: Full-scale amplitude of a cancellation spur is
approximately -60dBc when the gain bit is a logic 0 and
approximately -54dBc when the gain bit is a logic 1.
S ysC lk
48
48
19
48
48-b it
Fre q ue n c y
Tun in g W ord
(F T W )
4 8 -b it A c c u m u la to r
An g le to
A m plitud e
C on v ers ion
DA C
(1 4 -b it)
14
16
19
DD S
P h ase
O ffset
I-S e t
DDS -
DDS +
0
1
14
2-C h an n el
H a rm onic
Fre que nc y
Ge n e ra to r
9
C H 1 C an c ellatio n P h ase O ffset
CH1 Ha rm o n ic Nu m b e r
H a rm o n ic S p u r C a n c e lla tio n
Sp u r
C a n c e lla tio n
En a b le
8
C H 1 C a nc e lla tio n M a gnitude
4
DDS
CH2 Ha rm o n ic Nu m b e r
4
9
C H 2 C an c ellatio n P h ase O ffset
8
C H 2 C a nc e lla tio n M a gnitude
CH 1
CH 2
H ead ro o m
C o rrectio n
DQ
CH 1 G a in
CH 2 G a in
0
1
Sh ift
0
1
Sh ift
Figure 32: Spur Reduction Technique



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com