Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9549BCPZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD9549BCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549BCPZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9549BCPZ Datasheet HTML 55Page - Analog Devices AD9549BCPZ Datasheet HTML 56Page - Analog Devices AD9549BCPZ Datasheet HTML 57Page - Analog Devices AD9549BCPZ Datasheet HTML 58Page - Analog Devices AD9549BCPZ Datasheet HTML 59Page - Analog Devices AD9549BCPZ Datasheet HTML 60Page - Analog Devices AD9549BCPZ Datasheet HTML 61Page - Analog Devices AD9549BCPZ Datasheet HTML 62Page - Analog Devices AD9549BCPZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
Preliminary Technical Data
AD9549
Rev. PrA | Page 59 of 78
0104
00
0105
S Divider [15:0]
00
0106
S-Divider
Falling
Edge
Triggered
S Divider
/2
00
0107
M
P-Divider
P Divider[4:0]
05
0108
M
Alpha-0 [7:0]
00
0109
M
Alpha-0 [11:8]
00
010A
M
Alpha-1 [4:0]
00
010B
M
Alpha-2 [2:0]
00
010C
M
Beta-0 [7:0]
00
010D
M
Beta-0 [11:8]
00
010E
M
Beta-1 [2:0]
00
010F
M
Gamma-0 [7:0]
00
0110
M
Gamma-0 [11:8]
00
0111
M
Gamma-1 [2:0]
00
0112
00
0113
00
0114
Loop
Coefficient
s
00
0115
RO
N/A
0116
RO
N/A
0117
RO
N/A
0118
RO
N/A
0119
RO
N/A
011A
RO
FTW
Estimate
FTW Estimate [47:0]
(read-only)
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com