Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9549BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9549BCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549BCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD9549BCPZ Datasheet HTML 1Page - Analog Devices AD9549BCPZ Datasheet HTML 2Page - Analog Devices AD9549BCPZ Datasheet HTML 3Page - Analog Devices AD9549BCPZ Datasheet HTML 4Page - Analog Devices AD9549BCPZ Datasheet HTML 5Page - Analog Devices AD9549BCPZ Datasheet HTML 6Page - Analog Devices AD9549BCPZ Datasheet HTML 7Page - Analog Devices AD9549BCPZ Datasheet HTML 8Page - Analog Devices AD9549BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
Dual Input Network Clock
Generator/Synchronizer
Preliminary Technical Data
AD9549
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Flexible Reference Inputs
Input frequencies 8 kHz to 750 MHz
Two reference inputs
Loss of Reference indicators
Auto and Manual Holdover modes
Auto and Manual Switchover modes
Smooth A to B phase transition on outputs
Excellent stability in holdover mode
Programmable 16+1-bit Input Divider, R
Differential HSTL Clock Output
Output frequencies to 750 MHz
Low Jitter clock doubler for frequencies > 400 MHz
Single-ended CMOS output; frequencies < 50MHz
Programmable Digital Loop Filter (< 1 Hz to ~100 kHz)
High Speed Digitally Controlled Oscillator (DCO) core
DDS with integrated 14 bit DAC
Excellent Dynamic Performance
Programmable 16+1-bit Feedback Divider, S
Software controlled power-down
64-lead LFCSP package
APPLICATIONS
Network Synchronization
Reference Clock Jitter Cleanup
SONET/SDH Clocks up to OC-192, Including FEC
Stratum 3/3E Reference Clocks
Wireless Base Stations, Controllers
Cable Infrastructure
Data Communications
GENERAL DESCRIPTION
The AD9549 provides synchronization for many systems
including synchronous optical networks (SONET/SDH). The
AD9549 generates an output clock, synchronized to one of two
external input references. The external references may contain
significant time jitter, also specified as phase noise. Using a
digitally controlled loop and holdover circuitry, the AD9549
continues to generate a clean (low jitter), valid output clock
during a ‘loss of reference’ condition, even when both references
have failed.
The AD9549 operates over an industrial temperature range,
spanning -40°C to +85°C.
Figure 1: Basic Block Diagram


Similar Part No. - AD9549BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9549 AD-AD9549 Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549ABCPZ AD-AD9549ABCPZ Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549ABCPZ-REEL7 AD-AD9549ABCPZ-REEL7 Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549APCBZ AD-AD9549APCBZ Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549 AD-AD9549_15 Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
Rev. D
More results

Similar Description - AD9549BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9547 AD-AD9547 Datasheet
1Mb / 104P
Dual/Quad Input Network Clock Generator/Synchronizer
REV. 0
AD9548 AD-AD9548 Datasheet
1Mb / 112P
Quad/Octal Input Network Clock Generator/Synchronizer
REV. 0
AD9549ABCPZ AD-AD9549ABCPZ Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549 AD-AD9549_15 Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
Rev. D
logo
Pericom Semiconductor C...
PI6C557-10 PERICOM-PI6C557-10 Datasheet
378Kb / 6P
Network Clock Generator
PI6LC4830 PERICOM-PI6LC4830 Datasheet
1Mb / 11P
HiFlex Network Clock Generator
logo
Raltron Electronics Cor...
SY02-HP2O RALTRON-SY02-HP2O Datasheet
170Kb / 5P
LOW INPUT/ HIGH DUAL OUTPUT FREQUENCY CLOCK/SYNCHRONIZER
logo
Analog Devices
AD9547 AD-AD9547_14 Datasheet
1Mb / 106P
Dual/Quad Input Network Clock Generator/Synchronizer
11/14-Rev. F to Rev. G
AD9548 AD-AD9548_14 Datasheet
1Mb / 111P
Quad/Octal Input Network Clock Generator/Synchronizer
12/14-Rev. F to Rev. G
logo
Renesas Technology Corp
8V19N850D RENESAS-8V19N850D Datasheet
3Mb / 175P
Radio Unit Clock Synchronizer and Converter Clock Generator
February 13, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com