Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9549BCPZ Datasheet(PDF) 71 Page - Analog Devices

Part # AD9549BCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549BCPZ Datasheet(HTML) 71 Page - Analog Devices

Back Button AD9549BCPZ Datasheet HTML 67Page - Analog Devices AD9549BCPZ Datasheet HTML 68Page - Analog Devices AD9549BCPZ Datasheet HTML 69Page - Analog Devices AD9549BCPZ Datasheet HTML 70Page - Analog Devices AD9549BCPZ Datasheet HTML 71Page - Analog Devices AD9549BCPZ Datasheet HTML 72Page - Analog Devices AD9549BCPZ Datasheet HTML 73Page - Analog Devices AD9549BCPZ Datasheet HTML 74Page - Analog Devices AD9549BCPZ Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 78 page
background image
Preliminary Technical Data
AD9549
Rev. PrA | Page 71 of 78
01C1; Override
[0] Holdover On/Off: This bit controls the status of holdover when Bit 1 of this register is set.
[1] Enable Holdover Override: Setting this bit disables automatic holdover, and allows user to enter/exit holdover manually via
Bit 0 (see above). Setting this bit overrides the HOLDOVER pin.
[2] Ref_AB: This bit selects the input when Bit 3 of this register is set. 0 equals REF_A.
[3] Enable Ref Input Override: Setting this bit disables automatic reference switchover, and allows user to switch references
manually via Bit 2 of this register. Setting this bit overrides the REFSELECT pin.
[4] Enable Line-Card Mode: Enables line-card mode of reference switch MUX, which eliminates the possibility of a runt pulse
during switchover. See “Use of Line Card Mode to Eliminate Runt Pulses” on Page 35.
01C2; Averaging Window
[3:0] FTW Windowed Average Size: This register sets the number of FTWs (frequency tuning words) that are used for
calculating the average FTW. Bit 4 in Register 01C0 enables this feature.
The number of averages equals 2(FTW Windowed Average Size [3:0]). These samples are taken at the rate of (fs / 2^PIO).
01C3; Reference Validation
[4:0] Recovery Timer: The value in this register sets the time required to validate a reference after a LOR or OOL event before
the reference can be used as the DPLL reference. This circuit uses the digital loop filter clock (see Register 0107).
Validation time = Loop filter clock period * 2(Recovery Timer[4:0] +1) -1. Assuming power-on defaults, the recovery time varies from
32 ns (00000) to 137 sec (11111). If longer validation times are required, the user can make the P divider larger.
[6:5] Unused
[7] Disable Recovery Timer: Setting these bits disables the recovery timer and requires that references be manually validated.
(see Register 01C4)
01C4; Reference Validation (continued);
[0] Validate RefB: Mark RefB as valid either prior to the recovery timer or instead of the timer, and is enabled by setting Bit 7 in
Register 01C3. This bit is self-clearing, and the self-clearing operation will clear the Validate RefA bit.
[1] Validate RefA: Mark RefA as valid either prior to the recovery timer or instead of the timer, and is enabled by setting Bit 7 in
Register 01C3. This bit is not self-clearing. The user should set this bit, and then clear it.
Doubler and Output Drivers
0200; HSTL Driver
[2:0] HSTL Output Doubler: 01: Doubler disabled. 00: Doubler enabled.
[3:2] Unused
[4] OPOL: Output polarity: Setting this bit inverts the HSTL driver output polarity.
0201; CMOS Driver
[0] User MUX control: This bit allows the user to select whether the CMOS driver output is divided by the S Divider.
0: S divider input sent to CMOS driver. 1: S divider output sent to CMOS driver.
See Figure 8: Detailed Block Diagram on Page 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com