| Electronic Components Datasheet Search |
|
AD9549BCPZ Datasheet(PDF) 72 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9549BCPZ Datasheet(HTML) 72 Page - Analog Devices |
|
72 / 78 page ![]() AD9549 Preliminary Technical Data Rev. PrA | Page 72 of 78 Monitor 0300; Status: This register contains the status of the chip. This register is read-only and live update. [0] Frequency Lock Detect: This flag indicates that the “Frequency Lock Detect” circuit has detected frequency lock. [1] Phase Lock Detect: This flag indicates that the “Phase Lock Detect” circuit has detected phase lock. [2] Free Run: DPLL is in holdover mode (free-run) [3] Reference Selected: 0: Reference A is active. 1: Reference B is active. [4] Frequency Estimator Done: True when the “Frequency Estimator” circuit has successfully estimated the input frequency. See “Frequency Estimator” on Page 47. [5] PFD Frequency too Low: This flag indicates that the Frequency Estimator failed and detected too low of a PFD frequency. This bit is only relevant if the user is relying on the Frequency Estimator to determine the input frequency. [6] PFD Frequency too High: This flag indicates that the Frequency Estimator failed and detected too high of a PFD frequency. This bit is only relevant if the user is relying on the Frequency Estimator to determine the input frequency. [7] Unused 0301; Status (continued): This register contains the status of the chip. This register is read-only and live update. [0] RefB OOL: The “OOL” (Out of Limits) circuit has determined that Reference B is out of limits. [1] RefB LOR: A “LOR” (Loss of Reference) has occurred on Reference B. [2] RefB Valid: The Reference Validation circuit has successfully determined that Reference B is valid. [3] Unused [4] RefA OOL: The “OOL” (Out of Limits) circuit has determined that Reference A is out of limits. [5] RefA LOR: A “LOR” (Loss of Reference) has occurred on Reference A. [6] RefA Valid: The Reference Validation circuit has successfully determined that Reference A is valid. [7] Unused 0302 – 0303; IRQ Status; These registers contain the chip status (Registers 0300 – 0301) at the time of IRQ. These bits are cleared with an IRQ reset (see Register 0012, Bit 5). 0304; IRQ Mask [0] Enter Free Run: Trigger IRQ when DPLL enters free-running (holdover) mode. [1] Leave Free Run: Trigger IRQ when DPLL leaves free-running (holdover) mode [2] Reference Changed: Trigger IRQ when active reference clock selection changes [7:3] Unused |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |