Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9549BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9549BCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9549BCPZ Datasheet HTML 4Page - Analog Devices AD9549BCPZ Datasheet HTML 5Page - Analog Devices AD9549BCPZ Datasheet HTML 6Page - Analog Devices AD9549BCPZ Datasheet HTML 7Page - Analog Devices AD9549BCPZ Datasheet HTML 8Page - Analog Devices AD9549BCPZ Datasheet HTML 9Page - Analog Devices AD9549BCPZ Datasheet HTML 10Page - Analog Devices AD9549BCPZ Datasheet HTML 11Page - Analog Devices AD9549BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 8 of 78
CLOCK DRIVERS
HSTL OUTPUT DRIVER
Toggle Rate
TBD
725
MHz
see plot for maximum toggle rate
Output Duty Cycle
48
52
%
Output Rise/Fall Time
TBD
ps
100
Ω terminated, 5pF load
JITTER
0.6
ps
Fin=25 MHz, Fout=200 MHz
HSTL OUTPUT DRIVER WITH 2X MULTIPLIER
Output Frequency Range
TBD
TBD
MHz
Duty Cycle
45
55
%
Sub-harmonic Spur Level
-35
dBc
without correction
JITTER
CMOS OUTPUT DRIVER (AVDD3/PIN 37) @3.3V
Fin=25 MHz, Fout=200 MHz
Toggle Rate
100
MHz
see plot for maximum toggle rate
Duty Cycle
55
60
%
With 20pF load and up to 50 MHz
Output Rise/Fall Time
ps
JITTER
Fin=25 MHz, Fout=50 MHz
CMOS OUTPUT DRIVER AT (AVDD3/PIN 37) @1.8V
Toggle Rate
50
MHz
see plot for maximum toggle rate
Duty Cycle
55
60
%
With 20pF load and up to 50 MHz
Output Rise/Fall Time
ps
JITTER
Fin=25 MHz, Fout=50 MHz
HOLDOVER
Frequency Accuracy (XTAL)
xxxMHz, xxxppm crystal resonator at
SYSCLK pins
Variation Over Temperature range
ppm/oC
Variation Over Supply range
ppm/V
Frequency Accuracy (TCXO)
TCXO at SYSCLK pins
Variation Over Temperature range
0
ppm/oC
Variation Over Supply range
0
ppm/V
OUTPUT FREQUENCY SLEW LIMITER
Slew Rate Resolution
0.54
111
Hz/sec
P=216 for minimum; P=25 for maximum
Slew Rate Range
0
3x1016
Hz/sec
P=216 for minimum; P=25 for maximum
REFERENCE MONITORS
LOSS OF REFERENCE MONITOR
Operating Frequency Range
7.63x103
167x106
Hz
Minimum Frequency Error for Continuous
“REF” Present” Indication
-16
ppm
fREF= 8 kHz
Minimum Frequency Error for Continuous
“REF” Present” Indication
-19
%
fREF= 155 MHz
Maximum Frequency Error for Continuous
“REF Lost” Indication
-32
ppm
fREF= 8 kHz
Maximum Frequency Error for Continuous
“REF Lost” Indication
-35
%
fREF= 155 MHz
REFERENCE QUALITY MONITOR
Operating Frequency Range
Frequency Resolution (normalized)
0.001
16
ppm
fREF= 8 kHz; M=15 for minimum;
M=1 for maximum (see text)
Frequency Resolution (normalized)
0.002
44.9
%
fREF= 155 MHz; M=15 for minimum;
M=1 for maximum (see text)
VALIDATION TIMER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com