Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9549BCPZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9549BCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549BCPZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9549BCPZ Datasheet HTML 13Page - Analog Devices AD9549BCPZ Datasheet HTML 14Page - Analog Devices AD9549BCPZ Datasheet HTML 15Page - Analog Devices AD9549BCPZ Datasheet HTML 16Page - Analog Devices AD9549BCPZ Datasheet HTML 17Page - Analog Devices AD9549BCPZ Datasheet HTML 18Page - Analog Devices AD9549BCPZ Datasheet HTML 19Page - Analog Devices AD9549BCPZ Datasheet HTML 20Page - Analog Devices AD9549BCPZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 78 page
background image
Preliminary Technical Data
AD9549
Rev.
PrA | Page 17 of 78
ABSOLUTE MAXIMUM RATINGS
Table 1.
Parameter
Rating
Analog Supply Voltage (AVDD)
2 V
Digital Supply Voltage (DVDD)
2 V
Digital I/O Supply Voltage
(DVDD_I/0)
3.6 V
DAC Supply Voltage (DAC_VDD)
3.6 V
Maximum Digital Input Voltage
−0.5 V to DVDD_I/O + 0.5 V
Storage Temperature
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature Range
(Soldering 10 sec)
300°C
Junction Temperature
150°C
Thermal Resistance1 (
Θ
JA
)
26°C/W typ.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other condition s above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
1 The exposed pad on bottom of package must be soldered to ground in
order to achieve the specified thermal performance.
ESD CAUTION
ESD (electrostatic discharge)
sensitive device. Electrostatic
charges as high as 4000 V readily
accumulates on the human body
and test equipment and can
discharge without detection.
Although this product features
proprietary ESD protection circuitry,
permanent damage may occur on
devices subjected to high-energy
electrostatic discharges. Therefore,
proper ESD precautions are
recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com