Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9549BCPZ Datasheet(PDF) 66 Page - Analog Devices

Part # AD9549BCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549BCPZ Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9549BCPZ Datasheet HTML 62Page - Analog Devices AD9549BCPZ Datasheet HTML 63Page - Analog Devices AD9549BCPZ Datasheet HTML 64Page - Analog Devices AD9549BCPZ Datasheet HTML 65Page - Analog Devices AD9549BCPZ Datasheet HTML 66Page - Analog Devices AD9549BCPZ Datasheet HTML 67Page - Analog Devices AD9549BCPZ Datasheet HTML 68Page - Analog Devices AD9549BCPZ Datasheet HTML 69Page - Analog Devices AD9549BCPZ Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 66 of 78
I/O REGISTER DESCRIPTION
Serial Port Configuration (0000 – 0005)
0000; Serial Configuration; bits D4 – D7 are mirror image of D0 – D3
[0] SDO Active: Enables SDO pin 1=SDO pin enabled (four-wire serial port mode.) 0= three-wire mode.
[1] LSB First: Sets bit order for serial port. 1=LSB first. 0=MSB first. IO_UPDATE must occur in order to take effect.
[2] Soft Reset: Resets register map except for register 0000. Setting this bit forces a soft reset, meaning that S1-S4 are not tri-
stated, nor is their state read when this bit is cleared. The 9549 will assume the values of S1-S4 that were present during the last
hard reset. This bit is not self-clearing, and all other registers will be restored to their default values after a soft reset.
[3] Long Instruction: Read-only: this part only supports long instructions.
0001; Reserved
0002 - 0003; Part ID (read-only)
0004; Serial Options
[0] Read Buffer Register: For buffered registers, serial port read-back reads from actual (active) registers instead of the buffer.
1= Reads the buffered values that will take effect during the next IO_UPDATE.
0= Reads values that are currently in effect.
0005; Serial Options; Self Clearing
[0] Register Update: Software access to the “Register Update” pin function.
Writing a “1” to this bit is identical to performing an IO_UPDATE.
Power Down and Reset
0010; Power Down and Enables; Power up default is defined by start-up pins.
[0] Digital PD; Remove clock from most of digital section; leave serial port usable.
In contrast to Full PD, setting this bit does not de-bias inputs, allowing for quick wake-up.
[1] Full PD; Setting this bit is identical to activating the PD pin, and puts all blocks (except serial port) into power down mode.
Sysclk is turned off.
[2] PD RefB; Power down reference clock B input (and related circuits)
[3] PD RefA; Power down reference clock A input (and related circuits)
[4] PD System Clock PLL: System clock multiplier is powered down. 1= System Clock Multiplier powered down.
[5] Enable Output Doubler; Power up output clock generator doubler. Output Doubler must still be enabled in Register 0200.
[6] Enable CMOS Driver: Power up CMOS output driver. 1= CMOS Driver on.
[7] PD HSTL Driver: Power down HSTL output driver. 1 = HSTL Driver powered down.
0011; Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com