Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z5380 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z5380
Description  SMALL COMPUTER SYSTEM INTERFACE (SCSI)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z5380 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z5380 Datasheet HTML 9Page - Zilog, Inc. Z5380 Datasheet HTML 10Page - Zilog, Inc. Z5380 Datasheet HTML 11Page - Zilog, Inc. Z5380 Datasheet HTML 12Page - Zilog, Inc. Z5380 Datasheet HTML 13Page - Zilog, Inc. Z5380 Datasheet HTML 14Page - Zilog, Inc. Z5380 Datasheet HTML 15Page - Zilog, Inc. Z5380 Datasheet HTML 16Page - Zilog, Inc. Z5380 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
13
Z5380 SCSI
ZILOG
PS97SCC0100
Figure 21. Current SCSI Bus Status Register
Bus Phase Mismatch Interrupt
The SCSI phase lines are comprised of the signals I//O,
C//D, and /MSG. These signals are compared with the
corresponding bits in the Target Command Register: As-
sert I//O (bit 0), Assert C//D (bit 1), and Assert /MSG (bit 2).
The comparison occurs continually and is reflected in the
Phase Match bit (bit 3) of the Bus and Status Register. If the
DMA Mode bit (Mode Register, bit 1) is active and a phase
mismatch occurs when /REQ transitions from False to
True, an interrupt (IRQ) is generated.
A phase mismatch prevents the recognition of /REQ and
removes the chip from the bus during an Initiator send
operation (/DB7-/DB0 and /DBP will not be driven even
through the Assert Data Bus bit (Initiator Command Reg-
ister, bit 0) is active). This may be disabled by resetting the
DMA Mode bit (Note: It is possible for this interrupt to occur
when connected as a Target if another device is driving the
phase lines to a different state).
The proper values for the Bus and Status Register and the
Current SCSI Bus Status Register are displayed in Figures
22 and 23, respectively.
Figure 22. Bus and Status Register
Figure 23. Current SCSI Bus Status Register
Loss of BSY Interrupt
If the Monitor Busy bit (bit 2) in the Mode Register is active,
an interrupt is generated if the BSY signal goes False for at
least a bus-settle delay. This interrupt is disabled by
resetting the Monitor Busy bit. Register values are dis-
played in Figures 24 and 25.
D7
D0
/DBP
/SEL
I//O
C//D
/MSG
/REQ
/BSY
/RST
0
1
1XXX
0X
D7
D0
/ACK
/ATN
Busy Error
Phase Match
Interrupt Request Active
Parity Error
DMA Request
End of DMA
000100
X0
D7
D0
/DBP
/SEL
I//O
C//D
/MSG
/REQ
/BSY
/RST
0
1XXXX
0X
PS009101-0201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com