Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z5380 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z5380
Description  SMALL COMPUTER SYSTEM INTERFACE (SCSI)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z5380 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button Z5380 Datasheet HTML 2Page - Zilog, Inc. Z5380 Datasheet HTML 3Page - Zilog, Inc. Z5380 Datasheet HTML 4Page - Zilog, Inc. Z5380 Datasheet HTML 5Page - Zilog, Inc. Z5380 Datasheet HTML 6Page - Zilog, Inc. Z5380 Datasheet HTML 7Page - Zilog, Inc. Z5380 Datasheet HTML 8Page - Zilog, Inc. Z5380 Datasheet HTML 9Page - Zilog, Inc. Z5380 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
Z5380 SCSI
PS97SCC0100
ZILOG
FUNCTIONAL DESCRIPTION (Continued)
Figure 6. Initiator Command Register
Figure 7. Initiator Command Register
The following describes the operation of all bits in the
Initiator Command Register:
Bit 0.
Assert Data Bus. This bit, when set, allows the
contents of the Output Data Register to be enabled as chip
outputs on the signals /DB7-DB0. Parity is also generated
and asserted on /DBP.
When connected as an Initiator, the outputs are only
enabled if the Target Mode bit (Mode Register, bit 6) is 0,
the received signal I//O is False, and the phase signals (C/
/D, I//O, and /MSG) match the contents of the Assert C//D,
Assert I//O, and Assert /MSG in the Target Command
Register.
This bit should also be set during DMA send operations.
Bit 1.
Assert /ATN. /ATN may be asserted on the SCSI Bus
by setting this bit to a one (1) if the Target Mode bit (Mode
Register, bit 6) is False. /ATN is normally asserted by the
initiator to request a Message Out bus phase. Note that
since Assert /SEL and Assert /ATN are in the same register,
a select with /ATN may be implemented with one CPU
write. /ATN may be deasserted by resetting this bit to zero.
A read of this register simply reflects the status of this bit.
Bit 2.
Assert /SEL. Writing a one (1) into this bit position
asserts /SEL onto the SCSI Bus. /SEL is normally asserted
after Arbitration has been successfully completed. /SEL
may be disabled by resetting bit 2 to a zero. A read of this
register reflects the status of this bit.
Bit 3.
Assert /BSY. Writing a one (1) into this bit position
asserts /BSY onto the SCSI Bus. Conversely, a zero resets
the /BSY signal. Asserting /BSY indicates a successful
selection or reselection. Resetting this bit creates a Bus-
Disconnect condition. Reading this register reflects bit
status.
Bit 4.
Assert /ACK. Bit 4 is used by the bus initiator to assert
/ACK on the SCSI Bus. In order to assert /ACK, the Target
Mode bit (Mode Register, bit 6) must be False. Writing a
zero to this bit deasserts /ACK. Reading this register
reflects bit status.
Bit 5.
“0” (Write Bit). Bit 5 should be written with a zero for
proper operation.
Bit 5.
LA (Lost Arbitration - Read Bit). Bit 5, when active,
indicates that the SCSI detected a Bus-Free condition,
arbitrated for use of the bus by asserting /BSY and its ID on
the Data Bus, and lost Arbitration due to /SEL being
asserted by another bus device. This bit is active only
when the Arbitrate bit (Mode Register, bit 0) is active.
Bit 6.
Test Mode (Write Bit). Bit 6 is written during a test
environment to disable all output drivers, effectively re-
moving the Z5380 from the circuit. Resetting this bit returns
the part to normal operation.
Bit 6.
AIP (Arbitration in Process - Read Bit). Bit 6 is used
to determine if Arbitration is in progress. For this bit to be
active, the Arbitrate bit (Mode Register, bit 0) must have
been set previously. It indicates that a Bus-Free condition
has been detected and that the chip has asserted /BSY
and put the contents of the Output Data Register onto the
SCSI Bus. AIP will remain active until the Arbitrate bit is
reset.
Bit 7.
Assert /RST. Whenever a one is written to bit 7 of the
Initiator Command Register, the /RST signal is asserted on
Assert Data Bus
Assert /ATN
Assert /SEL
Assert /BSY
Assert /ACK
Lost Arbitration
Arbitration in Progress
Assert /RST
Address: 1
(Read Only)
D7 D6 D5 D4 D3 D2 D1 D0
Assert Data Bus
Assert /ATN
Assert /SEL
Assert /BSY
Assert /ACK
"0"
Test Mode
Assert /RST
Address: 1
(Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
PS009101-0201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com