Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z5380 Datasheet(PDF) 31 Page - Zilog, Inc.

Part # Z5380
Description  SMALL COMPUTER SYSTEM INTERFACE (SCSI)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z5380 Datasheet(HTML) 31 Page - Zilog, Inc.

Back Button Z5380 Datasheet HTML 27Page - Zilog, Inc. Z5380 Datasheet HTML 28Page - Zilog, Inc. Z5380 Datasheet HTML 29Page - Zilog, Inc. Z5380 Datasheet HTML 30Page - Zilog, Inc. Z5380 Datasheet HTML 31Page - Zilog, Inc. Z5380 Datasheet HTML 32Page - Zilog, Inc. Z5380 Datasheet HTML 33Page - Zilog, Inc. Z5380 Datasheet HTML 34Page - Zilog, Inc. Z5380 Datasheet HTML 35Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
31
Z5380 SCSI
ZILOG
PS97SCC0100
AC CHARACTERISTICS
DMA Write (Block Mode) Target Send Cycle Table
No
Description
Min
Max
Units
1
DRQ Low from /DACK Low
130
ns
2
Write Enable Width [1]
100
ns
3
Write Recovery Time
120
ns
4
Data Setup to End of Write Enable [1]
50
ns
5
Data Hold Time from End of /IOW
40
ns
6
Width of /EOP Pulse [2]
100
ns
7
/ACK Low to /REQ High
25
125
ns
8
/REQ from End of /IOW (/ACK High)
40
180
ns
9
/REQ from End of /ACK (/IOW High)
20
170
ns
10
/ACK Low to READY High
20
140
ns
11
READY High to /IOW High
70
ns
12
/IOW High to READY Low
20
140
ns
13
Data Hold from /ACK Low
40
ns
14
Data Setup to /REQ Low
60
ns
Notes:
[1] Write Enable is the occurrence of /IOW and /DACK.
[2] /EOP, /IOW, and /DACK must be concurrently Low for at least T6 for proper recognition of the /EOP pulse.
PS009101-0201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com