Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z5380 Datasheet(PDF) 37 Page - Zilog, Inc.

Part # Z5380
Description  SMALL COMPUTER SYSTEM INTERFACE (SCSI)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z5380 Datasheet(HTML) 37 Page - Zilog, Inc.

Back Button Z5380 Datasheet HTML 29Page - Zilog, Inc. Z5380 Datasheet HTML 30Page - Zilog, Inc. Z5380 Datasheet HTML 31Page - Zilog, Inc. Z5380 Datasheet HTML 32Page - Zilog, Inc. Z5380 Datasheet HTML 33Page - Zilog, Inc. Z5380 Datasheet HTML 34Page - Zilog, Inc. Z5380 Datasheet HTML 35Page - Zilog, Inc. Z5380 Datasheet HTML 36Page - Zilog, Inc. Z5380 Datasheet HTML 37Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
37
Z5380 SCSI
ZILOG
PS97SCC0100
ORDERING INFORMATION
Z5380 SCSI
40-Pin DIP
44-Pin PLCC
Z0538001PSC
Z0538001VSC
Package
P = Plastic DIP
V = Plastic Leadless Chip Carrier
Temperature
S = 0
°C to +70°C
E = –40
°C to +85°C
Speed
1.5 MB/s
Environmental
C = Plastic Standard
Example:
Z 5380
01 V S
C
Environmental Flow
Temperature
Package
Speed
Product Number
Zilog Prefix
is a Z5380, 1.5 MB/s, PLCC, 0
°C to +70°C, Plastic Standard Flow
Zilog’s products are not authorized for use as critical compo-
nents in life support devices or systems unless a specific written
agreement pertaining to such intended use is executed between
the customer and Zilog prior to use. Life support devices or
systems are those which are intended for surgical implantation
into the body, or which sustains life whose failure to perform,
when properly used in accordance with instructions for use
provided in the labeling, can be reasonably expected to result in
significant injury to the user.
Zilog, Inc. 210 East Hacienda Ave.
Campbell, CA 95008-6600
Telephone (408) 370-8000
Telex 910-338-7621
FAX 408 370-8056
Internet: http://www.zilog.com
© 1997 by Zilog, Inc. All rights reserved. No part of this document
may be copied or reproduced in any form or by any means
without the prior written consent of Zilog, Inc. The information in
this document is subject to change without notice. Devices sold
by Zilog, Inc. are covered by warranty and patent indemnification
provisions appearing in Zilog, Inc. Terms and Conditions of Sale
only. Zilog, Inc. makes no warranty, express, statutory, implied or
by description, regarding the information set forth herein or
regarding the freedom of the described devices from intellectual
property infringement. Zilog, Inc. makes no warranty of mer-
chantability or fitness for any purpose. Zilog, Inc. shall not be
responsible for any errors that may appear in this document.
Zilog, Inc. makes no commitment to update or keep current the
information contained in this document.
PS009101-0201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com