Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z5380 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z5380
Description  SMALL COMPUTER SYSTEM INTERFACE (SCSI)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z5380 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z5380 Datasheet HTML 1Page - Zilog, Inc. Z5380 Datasheet HTML 2Page - Zilog, Inc. Z5380 Datasheet HTML 3Page - Zilog, Inc. Z5380 Datasheet HTML 4Page - Zilog, Inc. Z5380 Datasheet HTML 5Page - Zilog, Inc. Z5380 Datasheet HTML 6Page - Zilog, Inc. Z5380 Datasheet HTML 7Page - Zilog, Inc. Z5380 Datasheet HTML 8Page - Zilog, Inc. Z5380 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
Z5380 SCSI
PS97SCC0100
ZILOG
D7-D0
A2-A0
/IOR
/IOW
/CS
/RESET
/DACK
/EOP
DRQ
READY
IRQ
GND
/DB7-DB0, /DBP
/ACK
/ATN
/BSY
/MSG
I//O
C//D
/REQ
/RST
/SEL
VDD
Z5380
GENERAL DESCRIPTION (Continued)
Figure 1. Z5380 Block Diagram
48 mA SCSI Transceivers
Interface
Control
Logic
Data
Input
Register
Data
Output
Register
DMA
Logic
Interrupt
Logic
Control
Registers
CPU BUS
Interface
/IOR
/IOW
/CS
/RESET
A2-A0
D7-D0
/DB7-/DB0,
/DBP
/ACK
/ATN
/BSY
/MSG
I//O
C//D
/REQ
/RST
/SEL
Figure 2. Logic Symbol
PS009101-0201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com