Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z5380 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z5380
Description  SMALL COMPUTER SYSTEM INTERFACE (SCSI)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z5380 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z5380 Datasheet HTML 17Page - Zilog, Inc. Z5380 Datasheet HTML 18Page - Zilog, Inc. Z5380 Datasheet HTML 19Page - Zilog, Inc. Z5380 Datasheet HTML 20Page - Zilog, Inc. Z5380 Datasheet HTML 21Page - Zilog, Inc. Z5380 Datasheet HTML 22Page - Zilog, Inc. Z5380 Datasheet HTML 23Page - Zilog, Inc. Z5380 Datasheet HTML 24Page - Zilog, Inc. Z5380 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
21
Z5380 SCSI
ZILOG
PS97SCC0100
AC CHARACTERISTICS
CPU Read Cycle Timing Diagram
A2-A0
/CS
/IOR
D7-D0
2
1
3
5
4
Figure 45. CPU Read Cycle
AC CHARACTERISTICS
CPU Read Cycle Timing Table
No
Description
Min
Max
Units
1
Address Setup to Read Enable [1]
20
ns
2
Address Hold from End Read Enable [1]
20
ns
3
Chip Select Hold from End of /IOR
0
ns
4
Data Access Time from Read Enable [1]
130
ns
5
Data Hold Time from End of Read Enable [1]
20
ns
Note:
[1] Read Enable is the occurrence of /IOR and /CS.
PS009101-0201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com