Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT360C Datasheet(PDF) 40 Page - Qingdao Hantek Electronic Co., Ltd.

Part # HT360C
Description  Leeb Hardness Tester
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTEK [Qingdao Hantek Electronic Co., Ltd.]
Direct Link  http://www.hantek.com/
Logo HANTEK - Qingdao Hantek Electronic Co., Ltd.

HT360C Datasheet(HTML) 40 Page - Qingdao Hantek Electronic Co., Ltd.

Back Button HT360C Datasheet HTML 36Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 37Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 38Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 39Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 40Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 41Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 42Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 43Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 44Page - Qingdao Hantek Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
Attached table
EN
HT360 series user manual
Copyright©Qingdao Hantek Electronics Co.,LTD
32
8.2
Attached table 2
Serial No
Material
Leeb hardness HLD
Strength σ b(MPa)
1
C mild
steel
350~522
374~ 780
2
C high
carbon
steel
500~710
737~ 1670
3
Cr
500~730
707~ 1829
4
CrV
500~750
704~ 1980
5
CrNi
500~750
763~ 2007
6
CrMo
500~738
721~ 1875
7
CrNiMo
540~738
844~ 1933
8
CrMnSi
500~750
755~ 1993
9
SSST
630~800
1180~ 2652
10
SST
500~710
703~ 1676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com