Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT360C Datasheet(PDF) 20 Page - Qingdao Hantek Electronic Co., Ltd.

Part # HT360C
Description  Leeb Hardness Tester
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTEK [Qingdao Hantek Electronic Co., Ltd.]
Direct Link  http://www.hantek.com/
Logo HANTEK - Qingdao Hantek Electronic Co., Ltd.

HT360C Datasheet(HTML) 20 Page - Qingdao Hantek Electronic Co., Ltd.

Back Button HT360C Datasheet HTML 16Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 17Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 18Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 19Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 20Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 21Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 22Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 23Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 24Page - Qingdao Hantek Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Quick Start
EN
HT360 series user manual
Copyright©Qingdao Hantek Electronics Co.,LTD
12
3. GB/T 17394.3-2012 Leeb Hardness Test for Metallic Materials Part 4: Calibration of
Standard Hardness Blocks
4. GB/T 17394. 4-2014 Leeb Hardness Test for Metallic Materials Part 4: Standard
Value Conversion Table
5. Design basis and standard: Technical Conditions for Leeb Hardness Tester JB/T
9378-2001
4.5
Preparation before use
Preparation of sample surface
When preparing the sample surface, the influence of heating and cold working on the
sample surface hardness shall be avoided as far as possible.
If the measured surface is too rough, measurement error will be caused. Therefore, the
tested surface must show metallic luster and be flat, smooth and free of oil stain.
Curved surface: The test surface is better to be flat. When the curvature radius R of the
tested surface is less than 30mm (type D, DC, D+15, C, E, DL impact devices) and less
than 50mm (type G impact devices), small support rings or profiled support rings should
be used for testing.
Figure 4 Curved sample face
Support of sample
1. No support is required for heavy samples;
2. For medium-sized samples, they must be placed on a flat and firm plane. The
samples should be placed stably without any shaking;
3. The sample shall have sufficient thickness, and the minimum thickness of the sample
shall comply with Table 3;
4. For the samples with surface hardening layer, the depth of hardening layer shall
comply with Table 3.
Coupling
1. For the light sample, it must be tightly coupled with the solid support, the two
coupling surfaces must be flat and smooth, the amount of coupling agent must not be
too much, and the test direction must be perpendicular to the coupling plane;
2. When the sample is a large area plate, long rod or bending piece, if the weight and
thickness are too large, it may cause distortion and instability of the sample, leading to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com