Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT360C Datasheet(PDF) 25 Page - Qingdao Hantek Electronic Co., Ltd.

Part # HT360C
Description  Leeb Hardness Tester
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTEK [Qingdao Hantek Electronic Co., Ltd.]
Direct Link  http://www.hantek.com/
Logo HANTEK - Qingdao Hantek Electronic Co., Ltd.

HT360C Datasheet(HTML) 25 Page - Qingdao Hantek Electronic Co., Ltd.

Back Button HT360C Datasheet HTML 21Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 22Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 23Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 24Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 25Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 26Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 27Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 28Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 29Page - Qingdao Hantek Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
Quick Start
EN
Copyright©Qingdao Hantek Electronics Co.,LTD
HT360 series user manual
17
Press this key to return to the main interface.
5 Hardness scale key
Switch the hardness system, including Leeb (HL), Brinell (HB), Rockwell B (HRB),
Rockwell C (HRC), Rockwell A (HRA), Vickers (HV) and Shore (HS).
6 Impact direction key
Switch the direction of impact.
7 Power key
Press the key when the machine is turned off, and the instrument will be turned on;
Press the key when the machine is turned on, and the instrument will be turned off.
8 Printing shortcut key
Quickly print the current measurement.
9 Direction key
Used to move cursor position and change settings.
10 Esc
When printing multiple groups of data, printing can be stopped before completed.
11 Measurement times key
Change the number of measurements from 1 to 32.
12 Delete key
During the measurement, press this key
to delete the current measurement value.
13 Confirm key
14 Next Page
In the main interface, press this key to turn to the next page.
15 Save key
When automatic storage is closed, after measuring a group of data, press this button to
save the current measured value. If the current data has not been measured, it cannot
be saved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com