| Electronic Components Datasheet Search |
|
HT360C Datasheet(PDF) 33 Page - Qingdao Hantek Electronic Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
HT360C Datasheet(HTML) 33 Page - Qingdao Hantek Electronic Co., Ltd. |
|
33 / 46 page ![]() Function introduction EN Copyright©Qingdao Hantek Electronics Co.,LTD HT360 series user manual 25 Function Settings Description average number, the average value is displayed in green. Continue measuring will result in recount. Material (Cast )Steel CWT. steel Stainless steel Grey cast iron Ductile iron Cast aluminum alloy Copper zinc alloy Copper tin alloy Pure copper Forged steel Switch the type of material being measured. Scale HL HB HRB HRC HRA HV HS Change the hardness scale Table 51 Measurement menu functions 5.4 Save Select Save in the main interface to enter the <Save> interface. There are 10 storage groups in total. Each storage group can store 50 data, and a total of 500 data can be stored. Function Settings Description Auto Save ON OFF When automatic storage is on, the measured values will be automatically stored in the selected storage group after each measurement, and each storage group can store 50 data. When the current storage group is full, the instrument will remind you to switch to the next storage group. When the automatic storage is off, after a measurement is completed, press to save the measured value, otherwise the measured value will not be saved. Store Set 1-10 After each measurement, the data is stored in this storage group. Browse Set 1-10 Select a group to browse data. Delete Set 1-10 Select a group to delete data. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |