| Electronic Components Datasheet Search |
|
HT360C Datasheet(PDF) 35 Page - Qingdao Hantek Electronic Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
HT360C Datasheet(HTML) 35 Page - Qingdao Hantek Electronic Co., Ltd. |
|
35 / 46 page ![]() Function introduction EN Copyright©Qingdao Hantek Electronics Co.,LTD HT360 series user manual 27 Figure5 Printing Paper 1 Printer: Press the power on key , and the indicator will flash blue. 2 Hardness tester: Main interface > Print > Connect, the instrument displays "Connecting the printer...". At this time, the instrument cannot be operated. After about one minute, when the printer successfully connects to the device, the printer blue light is off, printing can be performed. During printing of multiple measured values, press to stop the current printing. Function Description Link State Displays the connection status between the instrument and the printer. Curr Value Print the current measured value. If the current measurement is not completed, prompt "Measurement is not completed" and no printing will be performed. Group Set Press to select one of the 10 groups. Value Set Select some values to print in some print groups. Print All Print all the values in all print groups selected Table 5 Print menu functions 5.8 Firmware upgrade 1. Download and install the burning tool "DfuSe Demo v3.0.5". Download the upgrade package (* * *. dfu). 2. In the shutdown state, insert the USB cable into the Type C port of the instrument, and the instrument is connected to the computer. Keep holding down the key, gently press the power key and release it. At this time, the indicator light in the lower right corner starts flashing red and green, indicating that the instrument has entered the Dfu mode. Release F1 key. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |