Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT360C Datasheet(PDF) 31 Page - Qingdao Hantek Electronic Co., Ltd.

Part # HT360C
Description  Leeb Hardness Tester
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTEK [Qingdao Hantek Electronic Co., Ltd.]
Direct Link  http://www.hantek.com/
Logo HANTEK - Qingdao Hantek Electronic Co., Ltd.

HT360C Datasheet(HTML) 31 Page - Qingdao Hantek Electronic Co., Ltd.

Back Button HT360C Datasheet HTML 27Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 28Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 29Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 30Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 31Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 32Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 33Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 34Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 35Page - Qingdao Hantek Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
Function introduction
EN
Copyright©Qingdao Hantek Electronics Co.,LTD
HT360 series user manual
23
5
Function introduction
5.1
Measuring interface
After the instrument is started, it will enter the measurement interface. If it is in any
other interface, just press
to enter the measurement interface;
Each time the material is switched, the hardness scale is changed to Leeb, so the
material should be set first and then the hardness scale;
Under normal conditions, the current measured value cannot be stored when the set
number of impacts is not reached;
The measurement interface mainly displays the measuring impact device, measuring
material, current measured value, measuring times and average value. When the
measurement times reach the set number, the average value changes from white to
green. The display page is as follows:
Figure 5 Measurement Interface
1 Impact device
The instrument supports 5 types of impact devices, namely D, DC, DL, D+15 and G,
which are automatically identified during replacement, and no calibration is required.
2 Measuring direction
It supports vertical downward, oblique downward, horizontal, oblique upward and
vertical upward.
3 Measuring average
4 Measuring materials
The measured materials include steel and cast steel, alloy tool steel, stainless steel,
gray cast iron, ductile iron, cast aluminum alloy, copper zinc alloy (brass), copper tin
alloy (bronze), pure copper and forged steel.
5 Hardness scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com