Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT360C Datasheet(PDF) 28 Page - Qingdao Hantek Electronic Co., Ltd.

Part # HT360C
Description  Leeb Hardness Tester
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTEK [Qingdao Hantek Electronic Co., Ltd.]
Direct Link  http://www.hantek.com/
Logo HANTEK - Qingdao Hantek Electronic Co., Ltd.

HT360C Datasheet(HTML) 28 Page - Qingdao Hantek Electronic Co., Ltd.

Back Button HT360C Datasheet HTML 24Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 25Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 26Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 27Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 28Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 29Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 30Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 31Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 32Page - Qingdao Hantek Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Quick Start
EN
HT360 series user manual
Copyright©Qingdao Hantek Electronics Co.,LTD
20
1 Open the support and you can see two screws. Remove the screws and remove
the battery cover to see the battery.
Figure 47 Opening the support
2 Please take out the battery from the negative pole, and take out the whole
battery after the negative pole leaves.
3 When installing the battery, make sure that the positive pole of the battery has an
insulating tube, otherwise, please refer to the following steps to install the
insulating heat shrink tube.
1) Prepare insulating heat shrink tube of the following sizes.
Size: thickness 0.2~0.3mm, inner diameter 18~19mm, length 21mm.
2) Put it on the positive pole of the battery.
3) Use a hot air gun with the temperature of 270 °to blow the tube for 5 seconds to
make the heat shrink tube stick to the battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com