Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT360C Datasheet(PDF) 22 Page - Qingdao Hantek Electronic Co., Ltd.

Part # HT360C
Description  Leeb Hardness Tester
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTEK [Qingdao Hantek Electronic Co., Ltd.]
Direct Link  http://www.hantek.com/
Logo HANTEK - Qingdao Hantek Electronic Co., Ltd.

HT360C Datasheet(HTML) 22 Page - Qingdao Hantek Electronic Co., Ltd.

Back Button HT360C Datasheet HTML 18Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 19Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 20Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 21Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 22Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 23Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 24Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 25Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 26Page - Qingdao Hantek Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Quick Start
EN
HT360 series user manual
Copyright©Qingdao Hantek Electronics Co.,LTD
14
Each measuring part of the sample is generally tested for five times. The data
dispersion shall not exceed ±15HL of the average value;
The distance between any two indentations or the distance from the center of any
indentation to the edge of the sample shall comply with Table 4.2
For a specific material, in order to convert the Leeb hardness value to other
hardness values more accurately, a comparison test must be conducted to obtain
the corresponding conversion relationship. The method is: use qualified Leeb
hardness tester and corresponding hardness tester to test on the same sample
respectively. For each hardness value, measure five Leeb hardness values evenly
around more than three hardness indentations that need to be converted. Use the
average Leeb hardness value and the average corresponding hardness value as
the corresponding values, and make a hardness comparison curve. The
comparison curve shall include at least three groups of corresponding data.
Impact device
type
The distance between
two indentation centers
is not less than (mm)
The distance between the
indentation center and the sample
edge is not less than (mm)
D
、DC
3
5
DL
3
5
D+15
3
5
G
4
8
E
3
5
C
2
4
Table 4 Measurement
4. Read the measured value
Take average value of several valid test points as one Leeb hardness test data.
Display the hardness value in front of the Leeb hardness symbol HL. The HL
values measured by different types of impact devices are different.
4.5.2
Adjusting the support
When using the instrument, the user can open the standing foot as a support to tilt the
instrument upward for easy operation and observation. When the instrument is not in
use, the user can close the support to facilitate placing or moving.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com