Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP151 Datasheet(PDF) 33 Page - Analog Devices

Part # ADP151
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADP151 Datasheet HTML 29Page - Analog Devices ADP151 Datasheet HTML 30Page - Analog Devices ADP151 Datasheet HTML 31Page - Analog Devices ADP151 Datasheet HTML 32Page - Analog Devices ADP151 Datasheet HTML 33Page - Analog Devices ADP151 Datasheet HTML 34Page - Analog Devices ADP151 Datasheet HTML 35Page - Analog Devices ADP151 Datasheet HTML 36Page - Analog Devices ADP151 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
33 of 47
In addition, more than two LT3046 devices can be paralleled for even higher output current and lower output noise.
Paralleling multiple LT3046 devices is also useful for distributing heat on the PCB. For applications with high input-
to-output voltage differential, an input series resistor or resistor in parallel with the LT3046 can also be used to
spread heat.
PCB Layout Considerations
Given the high bandwidth and ultra-high PSRR of the LT3046, careful PCB layout must be employed to achieve full
device performance. Figure 74 shows the LT3046EVK#DFN evaluation board with a layout that delivers the full
performance of the regulator. Refer to the LT3046 evaluation board user guide (LT3046EVK#DFN) for further details.
Figure 74. LT3046EVK#DFN Evaluation Board
Thermal Considerations
The LT3046 has internal power and thermal limiting circuits that protect the device under overload conditions. The
thermal shutdown temperature is nominally +165°C with about 6°C of hysteresis. For continuous normal load
conditions, do not exceed the maximum junction temperature, +125°C. It is important to consider all sources of
thermal resistance from junction to ambient, which includes junction to case, case to heatsink interface, heatsink
resistance, or circuit board to ambient as the application dictates. Additionally, consider all heat sources close to
the LT3046.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com