Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP151 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP151
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP151 Datasheet HTML 24Page - Analog Devices ADP151 Datasheet HTML 25Page - Analog Devices ADP151 Datasheet HTML 26Page - Analog Devices ADP151 Datasheet HTML 27Page - Analog Devices ADP151 Datasheet HTML 28Page - Analog Devices ADP151 Datasheet HTML 29Page - Analog Devices ADP151 Datasheet HTML 30Page - Analog Devices ADP151 Datasheet HTML 31Page - Analog Devices ADP151 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
28 of 47
Figure 72. Capacitor Voltage Coefficient for Different Case Sizes
High Vibration Environments
Voltage and temperature coefficients are not the only sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates voltage across its terminals due to mechanical stress,
similar to how a piezoelectric microphone works. For a ceramic capacitor, this stress can be induced by mechanical
vibrations within the system or due to thermal transients.
LT3046 applications in high-vibration environments have three distinct, piezoelectric noise generators: ceramic
output, input, and SET pin capacitors. However, due to the low output impedance over a wide frequency range of
the LT3046, negligible output noise is generated using a ceramic-output capacitor. Similarly, due to the ultra-high
PSRR of the LT3046, negligible output noise is generated using a ceramic-input capacitor. Nonetheless, given the
high SET pin impedance, any piezoelectric response from a ceramic SET pin capacitor generates significant output
noise, peak-to-peak excursions of hundreds of mV. However, due to the high ESR and ESL tolerance of the SET pin
capacitor, any nonpiezoelectrically responsive (tantalum, electrolytic, or film) capacitor can be used at the SET pin,
although electrolytic capacitors tend to have high 1/f noise. In any case, use of a surface-mount capacitor is highly
recommended.
Stability and Input Capacitance
The LT3046 is stable with a minimum 4.7μF IN pin capacitor. Analog Devices recommends using low ESR ceramic
capacitors. In cases where long wires connect the power supply to the input and ground terminals of the LT3046,
the use of low-value input capacitors combined with a large load current can result in instability. The resonant LC
tank circuit formed by the wire inductance and the input capacitor is the cause of this instability and not the
LT3046.
The self-inductance, or isolated inductance, of a wire is directly proportional to its length. The wire diameter,
however, has less influence on its self-inductance. For example, the self-inductance of a 2-AWG isolated wire with a
diameter of 0.26in is about half the inductance of a 30-AWG wire with a diameter of 0.01in. One foot of 30-AWG wire
has 465nH of self-inductance.
Several methods exist to reduce the self-inductance of a wire. One method divides the current flowing toward the
LT3046 between the two parallel conductors. In this case, placing the wires further apart reduces the inductance;
up to a 50% reduction when placed only a few inches apart. Splitting the wires connects two equal inductors in
parallel. However, when placed close to each other, their mutual inductance adds to the overall self-inductance of
the wires; therefore, a 50% reduction is not possible in such cases. The second and more effective technique to
MURATA: 25V, 10%
X7R, 4.7µF CERAMIC
0805, 1.4mm THICK
1206, 1.8mm THICK
1210, 2.2mm THICK
DC BIAS (V)
0
5
10
15
20
25
–100
–80
–60
–40
–20
0
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com