Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP151 Datasheet(PDF) 41 Page - Analog Devices

Part # ADP151
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADP151 Datasheet HTML 37Page - Analog Devices ADP151 Datasheet HTML 38Page - Analog Devices ADP151 Datasheet HTML 39Page - Analog Devices ADP151 Datasheet HTML 40Page - Analog Devices ADP151 Datasheet HTML 41Page - Analog Devices ADP151 Datasheet HTML 42Page - Analog Devices ADP151 Datasheet HTML 43Page - Analog Devices ADP151 Datasheet HTML 44Page - Analog Devices ADP151 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
41 of 47
Figure 84. Paralleling Multiple LT3046 Devices for 800mA Output Current
22µF
4.7µF
100µA
4.7µF
100µA
4.7µF
100µA
4.7µF
100µA
4.7µF
200kΩ
49.9kΩ
453kΩ
8.25kΩ
50mΩ
50mΩ
IN
EN/UV
PGFB
VIN
5V +/-5%
SET
GND
ILIM
OUTS
OUT
LT3046
PG
IN
EN/UV
PGFB
SET
GND
ILIM
OUTS
OUT
LT3046
PG
OUTPUT NOISE =
0.8µVRMS
IN
EN/UV
PGFB
SET
GND
ILIM
OUTS
OUT
LT3046
VOUT = 3.3V
IOUT(MAX) = 800mA
PG
IN
EN/UV
PGFB
SET
GND
ILIM
OUTS
OUT
LT3046
PG
√(4)
= 0.4µVRMS
50mΩ
50mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com