Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP151 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP151
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP151 Datasheet HTML 7Page - Analog Devices ADP151 Datasheet HTML 8Page - Analog Devices ADP151 Datasheet HTML 9Page - Analog Devices ADP151 Datasheet HTML 10Page - Analog Devices ADP151 Datasheet HTML 11Page - Analog Devices ADP151 Datasheet HTML 12Page - Analog Devices ADP151 Datasheet HTML 13Page - Analog Devices ADP151 Datasheet HTML 14Page - Analog Devices ADP151 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
11 of 47
exists between the PGFB and GND pins of the LT3046; therefore, do not drive PGFB
more than 0.3V below GND during normal operation or during a fault condition.
8
SET
The inverting input of the error amplifier and the regulation set-point for the LT3046.
SET sources a precision 100μA current that flows through an external resistor
connected between SET and GND. The output voltage of the LT3046 is determined by
VSET = ISET x RSET. The output voltage range is from 0.2V to 19V. Adding a capacitor from
SET to GND improves noise, PSRR and transient response at the expense of increased
start-up time. For optimum load regulation, Kelvin connect the ground side of the SET
pin resistor directly to the load. A parasitic substrate diode exists between the SET and
GND pins of the LT3046; therefore, do not drive SET more than 0.3V below GND during
normal operation or during a fault condition.
9
GND
Ground.
10
OUTS
Output Sense. The OUTS pin is the noninverting input to the error amplifier. For
optimal transient performance and load regulation, Kelvin connect OUTS directly to
the output capacitor and the load. In addition, connect the GND connections of the
output capacitor and the SET pin capacitor directly together. A parasitic substrate
diode exists between the OUTS and GND pins of the LT3046; therefore, do not drive
OUTS more than 0.3V below GND during normal operation or during a fault condition.
11, 12
OUT
Output. The OUT pins supply power to the load. For stability, use a minimum 4.7μF
output capacitor with an ESR below 20mΩ and an ESL below 2nH. Large load
transients require larger output capacitance to limit peak voltage transients. See the
Stability and Output Capacitance section for more information on output capacitance.
A parasitic substrate diode exists between the OUT and GND pins of the LT3046;
therefore, do not drive OUT more than 0.3V below GND during normal operation or
during a fault condition.
13
EPAD (GND)
Exposed Pad. The exposed pad is an electrical connection to GND. To ensure proper
electrical and thermal performance, solder the exposed backside to the PCB ground
and connect it directly to the GND pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com