Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP151 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP151
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP151 Datasheet HTML 3Page - Analog Devices ADP151 Datasheet HTML 4Page - Analog Devices ADP151 Datasheet HTML 5Page - Analog Devices ADP151 Datasheet HTML 6Page - Analog Devices ADP151 Datasheet HTML 7Page - Analog Devices ADP151 Datasheet HTML 8Page - Analog Devices ADP151 Datasheet HTML 9Page - Analog Devices ADP151 Datasheet HTML 10Page - Analog Devices ADP151 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
7 of 47
9
The current-limit programming scale factor is specified while the internal backup current limit is not active.
Note that the internal current limit has foldback protection for VIN - VOUT differentials greater than 11V.
ABSOLUTE MAXIMUM RATINGS
TA = +25°C, unless otherwise specified.
Table 2. Absolute Maximum Ratings
PARAMETER
RATING
IN Pin Voltage
-22V to +22V
EN/UV Pin Voltage
-22V to +22V
IN-to-EN/UV Differential
-22V to +22V
PG Pin Voltage1
-0.3V to +22V
ILIM Pin Voltage1
-0.3V to +1V
PGFB Pin Voltage1
-0.3V to +22V
PGFB Pin Current
-20mA to +20mA
SET Pin Voltage1
-0.3V to +20V
SET Pin Current2
-20mA to +20mA
OUTS Pin Voltage1
-0.3V to +20V
OUTS Pin Current2
-20mA to +20mA
OUT Pin Voltage1
-0.3V to +20V
OUT-to-OUTS Differential3
-1.2V to +1.2V
IN-to-OUT Differential
-22V to +22V
IN-to-OUTS Differential
-22V to +22V
Output Short-Circuit Duration
Indefinite
Operating Junction Temperature4
-40°C to +125°C
Storage Temperature Range
-65°C to +150°C
.
1
Parasitic diodes exist internally between the ILIM, PG, PGFB, SET, OUTS, and OUT pins and the GND pin. Do not
drive the ILIM, PG, PGFB, SET, OUTS, and OUT pins more than 0.3V less than the GND pin during a fault
condition. The ILIM, PG, PGFB, SET, OUTS, and OUT pins must remain at a voltage more positive than GND
during normal operation.
2
SET and OUTS pins are clamped using diodes and two 25Ω series resistors. For less than 5ms transients, this
clamp circuitry can carry more than the rated current. See Figure 66 and the Protection Features section for
more information.
3
Maximum OUT-to-OUTS differential is guaranteed by design.
4
The LT3046 is tested and specified under pulse load conditions such that TJ ≈ TA. The LT3046 is tested at TA =
+25°C. Performance of the LT3046 over the full -40°C to +125°C operating temperature range is assured by
design, characterization, and correlation with statistical process controls. The LT3046 is guaranteed over the
full -40°C to +125°C operating TJ range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com