Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP151 Datasheet(PDF) 44 Page - Analog Devices

Part # ADP151
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADP151 Datasheet HTML 39Page - Analog Devices ADP151 Datasheet HTML 40Page - Analog Devices ADP151 Datasheet HTML 41Page - Analog Devices ADP151 Datasheet HTML 42Page - Analog Devices ADP151 Datasheet HTML 43Page - Analog Devices ADP151 Datasheet HTML 44Page - Analog Devices ADP151 Datasheet HTML 45Page - Analog Devices ADP151 Datasheet HTML 46Page - Analog Devices ADP151 Datasheet HTML 47Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
44 of 47
RELATED PRODUCTS
Table 8. Related Products
PART NUMBER
DESCRIPTION
COMMENTS
LT3042
20V, 200mA, ultra-low noise, ultra-
high PSRR RF linear regulator
0.8μVRMS noise and 79dB PSRR at 1 MHz, VIN = 1.8V to 20V,
350mV dropout voltage, programmable current limit and
power good, 3mm × 3mm DFN and MSOP packages
LT3045
20V, 500mA, ultra-low noise, ultra-
high PSRR linear regulator
0.8μVRMS noise and 75dB PSRR at 1MHz, VIN = 1.8V to 20V,
260mV dropout voltage, 3mm × 3mm DFN and MSOP
packages
LT3045-1
20V, 500mA, ultra-low noise, ultra-
high PSRR linear regulator with
VIOC control
0.8μVRMS noise and 75dB PSRR at 1MHz, VIN = 1.8V to 20V,
260mV dropout voltage, 3mm × 3mm DFN and MSOP
packages
LT3041
20V, 1A, ultra-low noise, ultra-high
PSRR linear regulator with VIOC
control
1μVRMS noise and 80dB PSRR at 1MHz, VIN = 2.2V to 20V,
310mV dropout voltage, programmable current limit and
power good, 4mm × 3mm DFN package
LT3040
20V, 200mA, ultra-low noise, ultra-
high PSRR precision DAC/
reference buffer
1.2μVRMS noise and 73dB PSRR at 1MHz, VIN = 1.8V to 20V,
350mV dropout voltage, 3mm × 3mm DFN and MSOP
packages
LT3093
-20V, 200mA, ultra-low noise,
ultra-high PSRR negative linear
regulator
0.8μVRMS noise and 73dB PSRR at 1MHz, VIN = -1.8V to -
20V, 190mV dropout voltage, programmable current
limit and power good, 3mm × 3mm DFN and MSOP
packages
LT3094
-20V, 500mA, ultra-low noise,
ultra-high PSRR negative linear
regulator
0.8μVRMS noise and 74dB PSRR at 1MHz, VIN = -1.8 V to -
20V, 235mV dropout voltage, programmable current
limit and power good, 3mm × 3mm DFN and MSOP
packages
ADP7112
20V, 200mA, low-noise, CMOS LDO
linear regulator
11μVRMS noise and 68dB PSRR at 100kHz, VIN = 2.7V to 20V,
200mV dropout voltage, user-programmable soft start,
1mm × 1.2mm WLCSP package
ADP7118
20V, 200mA, low-noise, CMOS LDO
linear regulator
11μVRMS noise and 68dB PSRR at 100kHz, VIN = 2.7V to 20V,
200mV dropout voltage, user-programmable soft start,
2mm × 2mm LFCSP, SOIC, and TSOT packages
ADM7160
Ultra-low noise, 200mA linear
regulator
9μVRMS noise and 54dB PSRR at 100kHz, VIN = 2.2V to 5V,
150mV dropout voltage, low quiescent current, 2mm ×
2mm LFCSP and TSOT packages
ADP151
Ultra-low noise, 200mA, CMOS
linear regulator
9μVRMS noise and 70dB PSRR at 10kHz, VIN = 2.2V to 5V,
135mV dropout voltage, low quiescent current, 2mm ×
2mm LFCSP, 0.76mm x 0.76mm WLCSP, and TSOT
packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com