Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP151 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP151
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP151 Datasheet HTML 10Page - Analog Devices ADP151 Datasheet HTML 11Page - Analog Devices ADP151 Datasheet HTML 12Page - Analog Devices ADP151 Datasheet HTML 13Page - Analog Devices ADP151 Datasheet HTML 14Page - Analog Devices ADP151 Datasheet HTML 15Page - Analog Devices ADP151 Datasheet HTML 16Page - Analog Devices ADP151 Datasheet HTML 17Page - Analog Devices ADP151 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
14 of 47
(TJ = +25°C, unless otherwise noted.)
Figure 16. Quiescent Current vs. Input Voltage
Figure 17. Quiescent Current vs. Output Voltage
Figure 18. Dropout Voltage vs. Output Current
Figure 19. Dropout Voltage vs. Temperature
Figure 20. GND Pin Current vs. Temperature
Figure 21. GND Pin Current vs. Output Current
VEN/UV = VIN
RSET = 33.2kΩ
INPUT VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
VIN = 6V
VEN/UV = VIN
+150°C
+125°C
+25°C
–40°C
–55°C
OUTPUT VOLTAGE (V)
0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
RSET = 33.2kΩ
+150°C
+125°C
+25°C
–40°C
–55°C
OUTPUT CURRENT (mA)
0
25
50
75
100
125
150
175
200
0
50
100
150
200
250
300
350
400
450
500
RSET = 33.2kΩ
IL = 1mA
IL = 200mA
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
50
100
150
200
250
300
350
400
450
500
VIN = 5V
VOUT = 3.3V
IL = 200mA
IL = 100mA
IL = 20mA
IL = 1mA
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
7
8
9
10
VIN = 5V
VOUT = 3.3V
+150°C
+125°C
+25°C
–40°C
–55°C
OUTPUT CURRENT (mA)
0
25
50
75
100
125
150
175
200
0
1
2
3
4
5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com