Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP151 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP151
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP151 Datasheet HTML 11Page - Analog Devices ADP151 Datasheet HTML 12Page - Analog Devices ADP151 Datasheet HTML 13Page - Analog Devices ADP151 Datasheet HTML 14Page - Analog Devices ADP151 Datasheet HTML 15Page - Analog Devices ADP151 Datasheet HTML 16Page - Analog Devices ADP151 Datasheet HTML 17Page - Analog Devices ADP151 Datasheet HTML 18Page - Analog Devices ADP151 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
15 of 47
(TJ = +25°C, unless otherwise noted.)
Figure 22. GND Pin Current vs. Input Voltage
Figure 23. Input UVLO Threshold vs. Temperature
Figure 24. EN/UV Turn-On Threshold vs. Temperature
Figure 25. EN/UV Pin Hysteresis vs. Temperature
Figure 26. EN/UV Pin Current vs. EN/UV Pin Voltage
(Temperature Steps)
Figure 27. EN/UV Pin Current vs. EN/UV Pin Voltage (VIN
Steps)
RSET = 33.2kΩ
RL = 16.5Ω
RL = 33Ω
RL= 66Ω
RL = 165Ω
RL = 3300Ω
INPUT VOLTAGE (V)
0
1
2
3
4
5
6
7
8
9
10
0
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
RISING UVLO
FALLING UVLO
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
VIN = 2.2V
VIN = 20V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
1.19
1.21
1.23
1.25
1.27
1.29
1.31
1.33
1.35
VIN = 2.2V
VIN = 20V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
50
62
74
86
98
110
122
134
146
158
170
VIN = 20V
+150°C
+125°C
+25°C
–40°C
–55°C
EN/UV PIN VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VIN = 2.2V
VIN = 20V
EN/UV PIN VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com