Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5096 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCD5096
Description  Universal codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5096 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCD5096 Datasheet HTML 36Page - NXP Semiconductors PCD5096 Datasheet HTML 37Page - NXP Semiconductors PCD5096 Datasheet HTML 38Page - NXP Semiconductors PCD5096 Datasheet HTML 39Page - NXP Semiconductors PCD5096 Datasheet HTML 40Page - NXP Semiconductors PCD5096 Datasheet HTML 41Page - NXP Semiconductors PCD5096 Datasheet HTML 42Page - NXP Semiconductors PCD5096 Datasheet HTML 43Page - NXP Semiconductors PCD5096 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
1997 Jan 22
40
Philips Semiconductors
Preliminary specification
Universal codec
PCD5096
Table 40 Control registers for conference call between one PSTN line and two IOM buffers
13.3
Conference call between two PSTN lines and one IOM buffer
Another configuration for conference call is between two PSTN lines and one IOM buffer, as shown in Fig.24. Tables 41,
42 and 43 show possible settings for the DSP parameters, the IOM control table and the control registers in the
PCD5096.
SDR
ADDRESS
(HEX)
PARAMETER NAME
VALUE
(HEX)
FUNCTION
78
codec control
0003
Codec 1 ON, Codec 2 OFF
79
IOM control
0004
IOM slave mode, 768 kbits/s
7A
gain settings A/D and D/A paths
00D0
A/D gain = +9 dB, D/A gain = 0 dB in Codec 1
7B
VREF1, VREF2 settings
A0A0
default setting for VREF1 and VREF2
7C
DSP modes
0008
channel a in speech and tone mode
Fig.24 Conference call between two PSTN lines and one IOM buffer.
handbook, full pagewidth
MBH880
PPa
RADIO
CIRCUIT
IOM-2
LLa
LLb
CCa
a/b
a/b
PCD5093
PCD5096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com