Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5096 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCD5096
Description  Universal codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5096 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCD5096 Datasheet HTML 42Page - NXP Semiconductors PCD5096 Datasheet HTML 43Page - NXP Semiconductors PCD5096 Datasheet HTML 44Page - NXP Semiconductors PCD5096 Datasheet HTML 45Page - NXP Semiconductors PCD5096 Datasheet HTML 46Page - NXP Semiconductors PCD5096 Datasheet HTML 47Page - NXP Semiconductors PCD5096 Datasheet HTML 48Page - NXP Semiconductors PCD5096 Datasheet HTML 49Page - NXP Semiconductors PCD5096 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
1997 Jan 22
46
Philips Semiconductors
Preliminary specification
Universal codec
PCD5096
F(A/D)(idle)
A/D idle channel noise
note 3
−−85
−72
dBm0p
S/(N + THD)(A/D)(65) A/D signal-to-noise plus total harmonic
distortion ratio (
−65 dBm input level)
note 4
32
40
−
dBp
S/(N + THD)(A/D)(25) A/D signal-to-noise plus total harmonic
distortion ratio (
−25 dBm input level)
note 4
40
60
−
dBp
td(g)(A/D)
A/D path group delay
−
500
−µs
G(MIC1)
Codec 1 MIC gain from
MICP1 - MICM1 to LIFP_AD1 -
LIFM_AD1
12
15
18
dB
G(MIC_HS)
Codec 2 handset MIC gain from
MICP_HS - MICM_HS to
LIFP_AD2 - LIFM_AD2
12
15
18
dB
G(MIC_HF)
Codec 2 hands-free MIC gain from
MICP_HF - MICM_HF to
LIFP_AD2 - LIFM_AD2
12
15
18
dB
G(A/D)
gain A/D path from LIF to PCM
note 5
GAD − 1.5 GAD
GAD + 1.5 dB
Gstep(A/D)
gain difference between adjacent steps
(A/D path)
note 6
+0.1
+1.0
+1.9
dB
G(D/A)
gain D/A path from PCM to LIF
note 7
GDA − 1GDA
GDA +1
dB
Gstep(D/A)
gain difference between adjacent steps
(D/A path)
note 6
+0.5
+1.0
+1.5
dB
Vo(D/A)
D/A path output level
note 8
−
1350
−
mV
Ro(D/A_1)
D/A path output resistance seen
between LIFP_DA1 and LIFM_DA1
−
10
20
Ω
Ro(D/A_2)
D/A path output resistance seen
between EARP_HS and EARM_HS
−
10
20
Ω
F(D/A)(idle)
D/A idle channel noise
note 9
−−85
−72
dBmp
S/(N + THD)(D/A)(40) D/A signal-to-noise plus total harmonic
distortion ratio (
−40 dBm0 input level)
note 10
32
40
−
dBp
S/(N + THD)(D/A)(0)
D/A signal-to-noise plus total harmonic
distortion ratio (0 dBm0 input level)
notes 10
and 11
40
70
−
dBp
td(g)(D/A)
D/A-path group delay
−
500
−µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com