Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5096 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCD5096
Description  Universal codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5096 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCD5096 Datasheet HTML 27Page - NXP Semiconductors PCD5096 Datasheet HTML 28Page - NXP Semiconductors PCD5096 Datasheet HTML 29Page - NXP Semiconductors PCD5096 Datasheet HTML 30Page - NXP Semiconductors PCD5096 Datasheet HTML 31Page - NXP Semiconductors PCD5096 Datasheet HTML 32Page - NXP Semiconductors PCD5096 Datasheet HTML 33Page - NXP Semiconductors PCD5096 Datasheet HTML 34Page - NXP Semiconductors PCD5096 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
1997 Jan 22
31
Philips Semiconductors
Preliminary specification
Universal codec
PCD5096
Table 33 Pin redefinition in Codec test loop mode
11.2
Codec test loop signal timing
The TEST_OUTPUT_x signal changes at the falling edge of CLK3, and the signal presented on TEST_INPUT_x is
sampled just before the falling edge of CLK3. Note that the 4fs serial PCM data shifted in via TEST_INPUT_x is only used
during the next FS4 HIGH period.
NORMAL MODE
CODEC TEST LOOP MODE
PIN NAME
SIGNAL NAME
I/O
DESCRIPTION
DI
TEST_INPUT_1
I
108fs bitstream or 4fs serial data input to Codec 1
DO
TEST_OUTPUT_1
O
108fs bitstream or 4fs serial data output from Codec 1
A1
TEST_INPUT_2
I
108fs bitstream or 4fs serial data input to Codec 2
IO1
TEST_OUTPUT_2
O
108fs bitstream or 4fs serial data output from Codec 2
DCL
CLK3
O
3456 kHz bit clock signal (4
× 108fs) with 50% duty cycle
IO0
FS4
O
32 kHz word synchronization signal (4fs), duty cycle = 12/108
Fig.17 Codec test loop signal timing for 108fs 1-bit bitstream signals.
handbook, full pagewidth
MBH877
sample moment for 1 bit digital loop mode
sample moment for 1 bit analog loop mode
CLK3
FS4
FS1
TEST_OUTPUT_x
TEST_INPUT_x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com